Electronic Components Datasheet Search
  English  ▼

X  

VSC056 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 5Page - Maxim Integrated Products VSC056 Datasheet HTML 6Page - Maxim Integrated Products VSC056 Datasheet HTML 7Page - Maxim Integrated Products VSC056 Datasheet HTML 8Page - Maxim Integrated Products VSC056 Datasheet HTML 9Page - Maxim Integrated Products VSC056 Datasheet HTML 10Page - Maxim Integrated Products VSC056 Datasheet HTML 11Page - Maxim Integrated Products VSC056 Datasheet HTML 12Page - Maxim Integrated Products VSC056 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 134 page
background image
9 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
REVISION HISTORY
This section describes changes that have been implemented in this document. The changes are listed by revision,
starting with the most recent publication.
Revision 4.1
Revision 4.1 of this data sheet was published in January 2008. The following is a summary of the changes
implemented in the data sheet.
●
The power supply voltage for the recommended operating conditions were corrected. The minimum power
supply voltage is 3.0 V and maximum is 3.6 V. For more information, see Table 22, page 121.
Revision 4.0
Revision 4.0 of this data sheet was published in April 2007. The following is a summary of the changes implemented
in the data sheet:
●
The electrostatic discharge voltage was added. For charged device model, it is ±1500 V. For human body
model, it is a Class 2 rating.
●
The moisture sensitivity is now specified as level 3.
Revision 2.0
Revision 2.0 of this data sheet was published in October 2006. This is the first publication of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com