Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 41Page - Renesas Technology Corp R26 Datasheet HTML 42Page - Renesas Technology Corp R26 Datasheet HTML 43Page - Renesas Technology Corp R26 Datasheet HTML 44Page - Renesas Technology Corp R26 Datasheet HTML 45Page - Renesas Technology Corp R26 Datasheet HTML 46Page - Renesas Technology Corp R26 Datasheet HTML 47Page - Renesas Technology Corp R26 Datasheet HTML 48Page - Renesas Technology Corp R26 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 487 page
background image
R8C/26 Group, R8C/27 Group
5. Resets
Rev.2.10
Sep 26, 2008
Page 26 of 453
REJ09B0278-0210
Table 5.2 shows the Pin Functions while RESET Pin Level is “L”, Figure 5.3 shows the CPU Register Status after
Reset, Figure 5.4 shows the Reset Sequence, and Figure 5.5 shows the OFS Register.
Figure 5.3
CPU Register Status after Reset
Figure 5.4
Reset Sequence
Table 5.2
Pin Functions while RESET Pin Level is “L”
Pin Name
Pin Functions
P0, P1
Input port
P3_1, P3_3 to P3_7
Input port
P4_2, P4_5 to P4_7
Input port
P5_3, P5_4
Input port
b19
b0
Interrupt table register(INTB)
Program counter(PC)
User stack pointer(USP)
Interrupt stack pointer(ISP)
Static base register(SB)
Content of addresses 0FFFEh to 0FFFCh
Flag register(FLG)
C
IPL
D
Z
S
B
O
I
U
b15
b0
b15
b0
b15
b0
b8
b7
b15
b0
0000h
0000h
0000h
0000h
0000h
0000h
0000h
Data register(R0)
Data register(R1)
Data register(R2)
Data register(R3)
Address register(A0)
Address register(A1)
Frame base register(FB)
00000h
0000h
0000h
0000h
0000h
Start time of flash memory
(CPU clock
× 14 cycles)
0FFFCh
0FFFEh
0FFFDh
Content of reset vector
CPU clock
Address
(internal address
signal)
NOTES:
1. Hardware reset.
2. When the “L” input width to the RESET pin is set to fOCO-S clock
× 32 cycles or more, setting the RESET pin to “H” also sets the internal
reset signal to “H” at the same.
CPU clock
× 28 cycles
fOCO-S clock
× 32 cycles(2)
fOCO-S
Internal reset
signal
RESET pin
10 cycles or more are needed(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com