Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 96Page - Renesas Technology Corp R26 Datasheet HTML 97Page - Renesas Technology Corp R26 Datasheet HTML 98Page - Renesas Technology Corp R26 Datasheet HTML 99Page - Renesas Technology Corp R26 Datasheet HTML 100Page - Renesas Technology Corp R26 Datasheet HTML 101Page - Renesas Technology Corp R26 Datasheet HTML 102Page - Renesas Technology Corp R26 Datasheet HTML 103Page - Renesas Technology Corp R26 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 487 page
background image
R8C/26 Group, R8C/27 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 81 of 453
REJ09B0278-0210
Figure 10.2
CM0 Register
System Clock Control Register 0
(1)
Symbol
Address
After Reset
CM0
0006h
01101000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
b7 b6 b5 b4 b3 b2 b1 b0
00
—
(b0)
Reserved bit
Set to 0.
RW
CM02
WAIT peripheral function clock
stop bit
0 : Peripheral function clock does not stop
in w ait mode
1 : Peripheral function clock stops in w ait
mode
RW
CM03
XCIN-XCOUT drive capacity
select bit(2)
0 : Low
1 : High
RW
CM04
XCIN clock (XCIN-XCOUT)
oscillate bit(3, 4, 5, 12)
0 : XCIN clock stops
1 : XCIN clock oscillates(6, 7)
RW
CM05
XIN clock (XIN-XOUT)
stop bit(3, 8)
0 : XIN clock oscillates(9)
1 : XIN clock stops(10)
RW
CM06
System clock division select bit
0(11)
0 : CM16, CM17 enabled
1 : Divide-by-8 mode
RW
—
(b7)
Reserved bit
Set to 0.
RW
During external clock input, only the clock oscillation buffer is turned off and clock input is acknow ledged.
When entering stop mode, the CM06 bit is set to 1 (divide-by-8 mode).
P4_6 and P4_7 can be used as input ports w hen the CM04 bit is set to 0 (XCIN clock stops), the CM05 bit is set to 1
(XIN clock stops) and the CM13 bit in the CM1 register is set to 0 (P4_6, P4_7).
To use the XCIN clock, set the CM04 bit to 1. Also, set ports P4_6 and P4_7 as input ports w ithout pull-up.
Set the CM01 bit to 1 (XCIN clock).
The CM05 bit stops the XIN clock w hen the high-speed on-chip oscillator mode, low -speed on-chip oscillator mode is
selected. Do not use this bit to detect w hether the XIN clock is stopped. To stop the XIN clock, set the bits in the
follow ing order:
(a) Set bits OCD1 to OCD0 in the OCD register to 00b.
(b) Set the OCD2 bit to 1 (selects on-chip oscillator clock).
For J, K version, the XCIN clock oscillation circuit cannot be used. Do not set to 1.
CM01
XIN-XCIN sw itch bit(12)
0 : XIN clock
1 : XCIN clock
RW
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the CM0 register.
Set the CM01 bit to 0 (XIN clock).
The MCU enters stop mode, the CM03 bit is set to 1 (high). Rew rite the CM03 bit w hile the XCIN clock oscillation
stabilizes.
The CM04 bit can be set to 1 by a program but cannot be set to 0.
When the CM10 bit is set to 1 (stop mode) and the CM04 bit is set to 1 (XCIN clock oscillates), the XCOUT (P4_7) pin
goes “H”.
When the CM04 bit is set to 0 (XCIN clock stops), P4_7 (XCOUT) enters input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com