Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 61Page - Renesas Technology Corp R26 Datasheet HTML 62Page - Renesas Technology Corp R26 Datasheet HTML 63Page - Renesas Technology Corp R26 Datasheet HTML 64Page - Renesas Technology Corp R26 Datasheet HTML 65Page - Renesas Technology Corp R26 Datasheet HTML 66Page - Renesas Technology Corp R26 Datasheet HTML 67Page - Renesas Technology Corp R26 Datasheet HTML 68Page - Renesas Technology Corp R26 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 487 page
background image
R8C/26 Group, R8C/27 Group
6. Voltage Detection Circuit
Rev.2.10
Sep 26, 2008
Page 46 of 453
REJ09B0278-0210
6.2
Voltage Monitor 0 Reset (For N, D Version Only)
Table 6.3 lists the Procedure for Setting Bits Associated with Voltage Monitor Reset and Figure 6.13 shows an
Example of Voltage Monitor 0 Reset Operation. To use the voltage monitor 0 reset to exit stop mode, set the
VW0C1 bit in the VW0C register to 1 (digital filter disabled).
NOTE:
1. When the VW0C0 bit is set to 0, steps 3, 4, and 5 can be executed simultaneously (with 1
instruction).
Figure 6.13
Example of Voltage Monitor 0 Reset Operation
Table 6.3
Procedure for Setting Bits Associated with Voltage Monitor Reset
Step
When Using Digital Filter
When Not Using Digital Filter
1
Set the VCA25 bit in the VCA2 register to 1 (voltage detection 0 circuit enabled)
2
Wait for td(E-A)
3
Select the sampling clock of the digital filter
by the VW0F0 to VW0F1 bits in the VW0C
register
Set the VW0C7 bit in the VW0C register to
1
4(1)
Set the VW0C1 bit in the VW0C register to
0 (digital filter enabled)
Set the VW0C1 bit in the VW0C register to
1 (digital filter disabled)
5(1)
Set the VW0C6 bit in the VW0C register to 1 (voltage monitor 0 reset mode)
6
Set the VW0C2 bit in the VW0C register to 0
7
Set the CM14 bit in the CM1 register to 0
(low-speed on-chip oscillator on)
−
8
Wait for 4 cycles of the sampling clock of
the digital filter
− (No wait time required)
9
Set the VW0C0 bit in the VW0C register to 1 (voltage monitor 0 reset enabled)
Vdet0
Internal reset signal
VCC
The above applies under the following conditions.
• VCA25 bit in VCA2 register = 1 (voltage detection 0 circuit enabled)
• VW0C0 bit in VW0C register = 1 (voltage monitor 0 reset enabled)
• VW0C6 bit in VW0C register = 1 (voltage monitor 0 reset mode)
When the internal reset signal is held “L”, the pins, CPU and SFR are reset.
The internal reset signal level changes from “L” to “H”, and a program is executed beginning with the address indicated by
the reset vector.
Refer to 4. Special Function Registers (SFRs) for the SFR status after reset.
1
fOCO-S
× 32
Sampling clock of
digital filter
× 4 cycles
When the VW0C1 bit is set
to 0 (digital filter enabled)
Internal reset signal
When the VW0C1 bit is set
to 1 (digital filter disabled)
and the VW0C7 bit is set
to 1
1
fOCO-S
× 32
VW0C1 and VW0C7: Bits in VW0C register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com