Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 80Page - Renesas Technology Corp R26 Datasheet HTML 81Page - Renesas Technology Corp R26 Datasheet HTML 82Page - Renesas Technology Corp R26 Datasheet HTML 83Page - Renesas Technology Corp R26 Datasheet HTML 84Page - Renesas Technology Corp R26 Datasheet HTML 85Page - Renesas Technology Corp R26 Datasheet HTML 86Page - Renesas Technology Corp R26 Datasheet HTML 87Page - Renesas Technology Corp R26 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 487 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 65 of 453
REJ09B0278-0210
7.4
Port Setting
Table 7.4 to Table 7.40 list the port setting.
X: 0 or 1
NOTES:
1. When the U1PINSEL bit is set to 0 (P0_0) and TXD1SEL bit is set to 1 (TXD1) in the PMR register, set bits SMD2 to SMD0 in
the U1MR register to 000b (serial interface disabled).
2. Pulled up by setting the PU00 bit in the PUR0 register to 1.
3. This is enabled when bits UART1SEL1 and UART1SEL0 in the PINSR1 register are set to 00b or 10b, and the U1PINSEL bit
is set to 0 (P0_0) and TXD1SEL bit is set to 1 (TXD1) in the PMR register.
4. N-channel open drain output by setting the NCH bit in the U1C0 register to 1.
X: 0 or 1
NOTE:
1. Pulled up by setting the PU00 bit in the PUR0 register to 1.
X: 0 or 1
NOTE:
1. Pulled up by setting the PU00 bit in the PUR0 register to 1.
X: 0 or 1
NOTE:
1. Pulled up by setting the PU00 bit in the PUR0 register to 1.
Table 7.4
Port P0_0/AN7/(TXD1)
Register
PD0
U1MR
ADCON0
Function
Bit
PD0_0
SMD2
SMD1
SMD0
CH2
CH1
CH0
ADGSEL0
Setting
value
0
XXX
XXX
X
Input port(1, 2)
1
XXX
XXX
X
Output port(1)
0
XXX
1
1
1
0
A/D converter input (AN7)(1)
X
0
0
1
XXX
X
TXD1 output(3, 4)
1
0
1
10
Table 7.5
Port P0_1/AN6
Register
PD0
ADCON0
Function
Bit
PD0_1
CH2
CH1
CH0
ADGSEL0
Setting
value
0
XXX
X
Input port(1)
1
X
X
X
X
Output port
0
1
1
0
0
A/D converter input (AN6)
Table 7.6
Port P0_2/AN5
Register
PD0
ADCON0
Function
Bit
PD0_2
CH2
CH1
CH0
ADGSEL0
Setting
value
0
XXX
X
Input port(1)
1
X
X
X
X
Output port
0
1
0
1
0
A/D converter input (AN5)
Table 7.7
Port P0_3/AN4
Register
PD0
ADCON0
Function
Bit
PD0_3
CH2
CH1
CH0
ADGSEL0
Setting
value
0
XXX
X
Input port(1)
1
X
X
X
X
Output port
0
1
0
0
0
A/D converter input (AN4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com