Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 90Page - Renesas Technology Corp R26 Datasheet HTML 91Page - Renesas Technology Corp R26 Datasheet HTML 92Page - Renesas Technology Corp R26 Datasheet HTML 93Page - Renesas Technology Corp R26 Datasheet HTML 94Page - Renesas Technology Corp R26 Datasheet HTML 95Page - Renesas Technology Corp R26 Datasheet HTML 96Page - Renesas Technology Corp R26 Datasheet HTML 97Page - Renesas Technology Corp R26 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 487 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 75 of 453
REJ09B0278-0210
X: 0 or 1
NOTE:
1. Pulled up by setting the PU12 bit in the PUR1 register to 1.
X: 0 or 1
X: 0 or 1
NOTE:
1. Pulled up by setting the PU13 bit in the PUR1 register to 1.
X: 0 or 1
Table 7.37
Port P5_3/TRCIOC
Register
PD5
Timer RC setting
Function
Bit
PD5_3
−
Setting
value
0
Other than TRCIOC usage conditions
Input port(1)
1
Other than TRCIOC usage conditions
Output port
X
Refer to Table 7.38 TRCIOC Pin Setting
TRCIOC output
0
Refer to Table 7.38 TRCIOC Pin Setting
TRCIOC input(1)
Table 7.38
TRCIOC Pin Setting
Register
PINSR3
TRCOER
TRCMR
TRCIOR1
Function
Bit
TRCIOCSEL
EC
PWM2
PWMC
IOC2
IOC1
IOC0
Setting
value
0
0
1
1
X
X
X
PWM mode waveform output
0
01
0
001
Timer waveform output (output
compare function)
00
1
X
00
1
0
1
X
X
Timer mode (input capture function)
01
Other than above
Other than TRCIOC usage conditions
Table 7.39
Port P5_4/TRCIOD
Register
PD5
Timer RC setting
Function
Bit
PD5_4
−
Setting
value
0
Other than TRCIOD usage conditions
Input port(1)
1
Other than TRCIOD usage conditions
Output port
X
Refer to Table 7.40 TRCIOD Pin Setting
TRCIOD output
0
Refer to Table 7.40 TRCIOD Pin Setting
TRCIOD input(1)
Table 7.40
TRCIOD Pin Setting
Register
PINSR3
TRCOER
TRCMR
TRCIOR1
Function
Bit
TRCIODSEL
ED
PWM2
PWMD
IOD2
IOD1
IOD0
Setting
value
0
0
1
1
X
X
X
PWM mode waveform output
0
01
0
001
Timer waveform output (output
compare function)
00
1
X
00
1
0
1
X
X
Timer mode (input capture function)
01
Other than above
Other than TRCIOD usage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com