Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 50Page - Renesas Technology Corp R26 Datasheet HTML 51Page - Renesas Technology Corp R26 Datasheet HTML 52Page - Renesas Technology Corp R26 Datasheet HTML 53Page - Renesas Technology Corp R26 Datasheet HTML 54Page - Renesas Technology Corp R26 Datasheet HTML 55Page - Renesas Technology Corp R26 Datasheet HTML 56Page - Renesas Technology Corp R26 Datasheet HTML 57Page - Renesas Technology Corp R26 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 487 page
background image
R8C/26 Group, R8C/27 Group
6. Voltage Detection Circuit
Rev.2.10
Sep 26, 2008
Page 35 of 453
REJ09B0278-0210
Figure 6.1
Block Diagram of Voltage Detection Circuit (N, D version)
Table 6.2
Specifications of Voltage Detection Circuit (J, K Version)
Item
Voltage Detection 1
Voltage Detection 2
VCC Monitor
Voltage to monitor
Vdet1
Vdet2
Detection target
Whether passing through Vdet1
by rising or falling
Passing through Vdet2 by rising or falling
Monitor
None
VCA13 bit in VCA1 register
Whether VCC is higher or lower than Vdet2
Process
When Voltage
is Detected
Reset
Voltage monitor 1 reset
Voltage monitor 2 reset
Reset at Vdet1 > VCC;
restart CPU operation at VCC >
Vdet1
Reset at Vdet2 > VCC; restart CPU operation
after a specified time
Interrupt
None
Voltage monitor 2 interrupt
Interrupt request at Vdet2 > VCC and VCC >
Vdet2 when digital filter is enabled;
interrupt request at Vdet2 > VCC or VCC >
Vdet2 when digital filter is disabled
Digital Filter
Switch
enabled/disabled
Available
Available
Sampling time
(Divide-by-n of fOCO-S) × 4
n: 1, 2, 4, and 8
(Divide-by-n of fOCO-S) × 4
n: 1, 2, 4, and 8
≥ Vdet2
VCA27
+
-
VCC
b3
VCA13 bit
VCA1 register
Voltage detection 2
signal
Voltage detection 1
signal
Internal
reference
voltage
VCA26
+
-
≥ Vdet1
VCA25
+
-
≥ Vdet0
Voltage detection 0
signal
b3
VW1C3 bit
VW1C register
Noise
filter
Noise
filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com