Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 78Page - Renesas Technology Corp R26 Datasheet HTML 79Page - Renesas Technology Corp R26 Datasheet HTML 80Page - Renesas Technology Corp R26 Datasheet HTML 81Page - Renesas Technology Corp R26 Datasheet HTML 82Page - Renesas Technology Corp R26 Datasheet HTML 83Page - Renesas Technology Corp R26 Datasheet HTML 84Page - Renesas Technology Corp R26 Datasheet HTML 85Page - Renesas Technology Corp R26 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 487 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 63 of 453
REJ09B0278-0210
Figure 7.11
PMR Register
Port Mode Register
Symbol
Address
After Reset
PMR
00F8h
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
pin select bit
NOTE:
1. The UART1 pins can be selected by using bits U1PINSEL, TXD1SEL and TXD1EN, and bits UART1SEL1 and
UART1SEL0 in the PINSR1 register.
IICSEL
SSU / I2C bus pin sw itch bit
0 : Selects SSU function
1 : Selects I2C bus function
RW
TXD1EN
TXD1/RXD1 select bit(1)
0 : RXD1
1 : TXD1
RW
TXD1SEL
Port/TXD1 pin sw itch bit(1)
0 : Programmable I/O port
1 : TXD1
RW
U1PINSEL
TXD1 pin sw itch bit(1)
0 : P0_0
1 : P3_6, P3_7
RW
SSISEL
SSI pin select bit
0 : P3_3
1 : P1_6
RW
INT1SEL
0 : P1_5, P1_7
1 : P3_6
RW
—
(b2-b1)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
b0
b3 b2 b1
b7 b6 b5 b4
PINSR1 Register
UART1SEL1,
UART1SEL0 bit
U1PINSEL bit
TXD1SEL bit
TXD1EN bit
P3_7(TXD1)
1
P3_7(RXD1)
0
P0_0(TXD1)
0
1
×
P3_7(TXD1)
1
P4_5(RXD1)
×
P3_6(TXD1)
1
P3_6(RXD1)
0
P0_0(TXD1)
0
1
×
×: 0 or 1
10b
××
PMR Register
Pin Function
×
00b
××
01b
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com