Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 52Page - Renesas Technology Corp R26 Datasheet HTML 53Page - Renesas Technology Corp R26 Datasheet HTML 54Page - Renesas Technology Corp R26 Datasheet HTML 55Page - Renesas Technology Corp R26 Datasheet HTML 56Page - Renesas Technology Corp R26 Datasheet HTML 57Page - Renesas Technology Corp R26 Datasheet HTML 58Page - Renesas Technology Corp R26 Datasheet HTML 59Page - Renesas Technology Corp R26 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 487 page
background image
R8C/26 Group, R8C/27 Group
6. Voltage Detection Circuit
Rev.2.10
Sep 26, 2008
Page 37 of 453
REJ09B0278-0210
Figure 6.4
Block Diagram of Voltage Monitor 1 Interrupt/Reset Generation Circuit (N, D version)
Figure 6.5
Block Diagram of Voltage Monitor 1 Reset Generation Circuit (J, K version)
+
-
1/2
1/2
1/2
Voltage detection 1 circuit
VCA26
VCC
Internal
reference
voltage
VW1C3
Noise filter
(Filter width: 200 ns)
Voltage detection 1 signal
is held “H” when VCA26 bit
is set to 0 (disabled)
Voltage
detection
1 signal
Digital
filter
fOCO-S
VW1F1 to VW1F0
= 00b
= 01b
= 10b
= 11b
VW1C2 bit is set to 0 (not detected) by
writing 0 by a program.
When VCA26 bit is set to 0 (voltage
detection 1 circuit disabled), VW1C2
bit is set to 0
Voltage monitor 1 interrupt/reset generation circuit
VW1C0 to VW1C3, VW1F0, VW1F1, VW1C6, VW1C7: Bits in VW1C register
VCA26: Bit in VCA2 register
VW1C1
VW1C1
VW1C2
VW1C7
VW1C0
VW1C6
Non-maskable
interrupt signal
Voltage monitor 1
interrupt signal
Watchdog
timer interrupt
signal
Oscillation stop
detection
interrupt signal
Voltage monitor 1
reset signal
+
-
1/2
1/2
1/2
Voltage detection 1 circuit
VCA26
VCC
Internal
reference
voltage
VW1C3
Noise filter
(Filter width: 200 ns)
Voltage detection 1 signal
is held “H” when VCA26 bit
is set to 0 (disabled)
Voltage
detection
1 signal
Digital
filter
fOCO-S
VW1F1 to VW1F0
= 00b
= 01b
= 10b
= 11b
VW1C2 bit is set to 0 (not detected) by
writing 0 by a program.
When VCA26 bit is set to 0 (voltage
detection 1 circuit disabled), VW1C2
bit is set to 0
Voltage monitor 1 interrupt/reset generation circuit
VW1C0 to VW1C3, VW1F0, VW1F1, VW1C6, VW1C7: Bits in VW1C register
VCA26: Bit in VCA2 register
VW1C1
VW1C1
VW1C2
VW1C7
VW1C0
VW1C6
Voltage monitor 1
reset signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com