Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 99Page - Renesas Technology Corp R26 Datasheet HTML 100Page - Renesas Technology Corp R26 Datasheet HTML 101Page - Renesas Technology Corp R26 Datasheet HTML 102Page - Renesas Technology Corp R26 Datasheet HTML 103Page - Renesas Technology Corp R26 Datasheet HTML 104Page - Renesas Technology Corp R26 Datasheet HTML 105Page - Renesas Technology Corp R26 Datasheet HTML 106Page - Renesas Technology Corp R26 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 487 page
background image
R8C/26 Group, R8C/27 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 84 of 453
REJ09B0278-0210
Figure 10.5
Registers FRA0 and FRA1
High-Speed On-Chip Oscillator Control Register 0
(1)
Symbol
Address
After Reset
FRA0
0023h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
b7 b6 b5 b4 b3 b2 b1 b0
000 000
FRA00
RW
FRA01
RW
High-speed on-chip oscillator
enable bit
0 : High-speed on-chip oscillator off
1 : High-speed on-chip oscillator on
High-speed on-chip oscillator
select bit(2)
0 : Selects low -speed on-chip oscillator(3)
1 : Selects high-speed on-chip oscillator
When setting the FRA01 bit to 0 (low -speed on-chip oscillator selected), do not set the FRA00 bit to 0 (high-speed
on-chip oscillator off) at the same time. Set the FRA00 bit to 0 after setting the FRA01 bit to 0.
Change the FRA01 bit under the follow ing conditions.
• FRA00 = 1 (high-speed on-chip oscillation)
• The CM14 bit in the CM1 register = 0 (low -speed on-chip oscillator on)
• Bits FRA22 to FRA20 in the FRA2 register:
All divide ratio mode settings are supported w hen VCC = 3.0 to 5.5 V
000b to 111b (other than K version)
Divide ratio of 4 or more w hen VCC = 2.7 to 5.5 V or K version
010b to 111b
Divide ratio of 8 or more w hen VCC = 2.2 to 5.5 V (for N, D version only) 110b to 111b
—
(b7-b2)
Reserved bits
Set to 0.
RW
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the FRA0 register.
High-Speed On-Chip Oscillator Control Register 1
(1)
Symbol
Address
After Reset
FRA1
0024h
When Shipping
RW
NOTES:
1.
2. When changing the values of the FRA1 register, adjust the FRA1 register so that the frequency of the high-speed
on-chip oscillator clock w ill be 40 MHz or less.
b7 b6 b5 b4 b3 b2 b1 b0
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the FRA1 register.
RW
Function
The frequency of the high-speed on-chip oscillator is adjusted w ith bits 0 to 7.
High-speed on-chip oscillator frequency = 40 MHz (FRA1 register = value w hen shipping)
Setting the FRA1 register to a low er value results in a higher frequency.
Setting the FRA1 register to a higher value results in a low er frequency.(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com