Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 101Page - Renesas Technology Corp R26 Datasheet HTML 102Page - Renesas Technology Corp R26 Datasheet HTML 103Page - Renesas Technology Corp R26 Datasheet HTML 104Page - Renesas Technology Corp R26 Datasheet HTML 105Page - Renesas Technology Corp R26 Datasheet HTML 106Page - Renesas Technology Corp R26 Datasheet HTML 107Page - Renesas Technology Corp R26 Datasheet HTML 108Page - Renesas Technology Corp R26 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 487 page
background image
R8C/26 Group, R8C/27 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 86 of 453
REJ09B0278-0210
Figure 10.7
CPSRF Register
Figure 10.8
VCA2 Register (N, D Version)
Clock Prescaler Reset Flag (For N, D Version Only)
Symbol
Address
After Reset
CPSRF
0028h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
b7 b6 b5 b4 b3 b2 b1 b0
000 0000
—
(b6-b0)
Reserved bits
Set to 0.
RW
Only w rite 1 to this bit w hen selecting the XCIN clock as the CPU clock, .
CPSR
Clock prescaler reset flag(1)
Setting this bit to 1 initializes the clock
prescaler. (When read, the content is 0)
RW
Voltage Detection Register 2
(1) (N, D Version)
Symbol
Address
After Reset(5)
VCA2
0032h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6. Use the VCA20 bit only w hen entering to w ait mode. To set the VCA20 bit, follow the procedure show n in Figure
10.10 Procedure for Enabling Reduced Internal Pow er Consum ption Using VCA20 bit.
VCA20
Internal pow er low
consumption enable bit(6)
0 : Disables low consumption
1 : Enables low consumption
RW
Set the PRC3 bit in the PRCR register to 1 (w rite enable) before w riting to the VCA2 register.
To use the voltage monitor 1 interrupt/reset or the VW1C3 bit in the VW1C register, set the VCA26 bit to 1.
After the VCA26 bit is set to 1 from 0, the voltage detection circuit w aits for td(E-A) to elapse before starting
operation.
To use the voltage monitor 2 interrupt/reset or the VCA13 bit in the VCA1 register, set the VCA27 bit to 1.
After the VCA27 bit is set to 1 from 0, the voltage detection circuit w aits for td(E-A) to elapse before starting
operation.
Softw are reset, w atchdog timer reset, voltage monitor 1 reset, and voltage monitor 2 reset do not affect this
register.
To use the voltage monitor 0 reset, set the VCA25 bit to 1.
After the VCA25 bit is set to 1 from 0, the voltage detection circuit w aits for td(E-A) to elapse before starting
operation.
VCA27
Voltage detection 2 enable
bit(4)
0 : Voltage detection 2 circuit disabled
1 : Voltage detection 2 circuit enabled
RW
VCA26
Voltage detection 1 enable
bit(3)
0 : Voltage detection 1 circuit disabled
1 : Voltage detection 1 circuit enabled
RW
000
0
b3 b2 b1 b0
b7 b6 b5 b4
The LVD0ON bit in the OFS register is
set to 1 and hardw are reset
: 00h
Pow er-on reset, voltage monitor 0 reset
or LVD0ON bit in the OFS register is
set to 0, and hardw are reset
: 00100000b
VCA25
Voltage detection 0 enable
bit(2)
0 : Voltage detection 0 circuit disabled
1 : Voltage detection 0 circuit enabled
RW
—
(b4-b1)
Reserved bits
Set to 0.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com