| Electronic Components Datasheet Search |
|
R26 Datasheet(PDF) 102 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R26 Datasheet(HTML) 102 Page - Renesas Technology Corp |
|
102 / 487 page ![]() R8C/26 Group, R8C/27 Group 10. Clock Generation Circuit Rev.2.10 Sep 26, 2008 Page 83 of 453 REJ09B0278-0210 Figure 10.4 OCD Register Oscillation Stop Detection Register (1) Symbol Address After Reset OCD 000Ch 00000100b Bit Symbol Bit Name Function RW NOTES: 1. 2. 3. 4. 5. 6. 7. The OCD3 bit remains 0 (XIN clock oscillates) if bits OCD1 to OCD0 are set to 00b. The CM14 bit is set to 0 (low -speed on-chip oscillator on) if the OCD2 bit is set to 1 (on-chip oscillator clock selected). Refer to Figure 10.18 Procedure for Sw itching Clock Source from Low -Speed On-Chip Oscillator to XIN Clock for the sw itching procedure w hen the XIN clock re-oscillates after detecting an oscillation stop. Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting to the OCD register. The OCD2 bit is automatically set to 1 (on-chip oscillator clock selected) if a XIN clock oscillation stop is detected w hile bits OCD1 to OCD0 are set to 11b. If the OCD3 bit is set to 1 (XIN clock stopped), the OCD2 bit remains unchanged even w hen set to 0 (XIN clock selected). The OCD3 bit is enabled w hen the OCD0 bit is set to 1 (oscillation stop detection function enabled). Set bits OCD1 to OCD0 to 00b before entering stop mode, high-speed on-chip oscillator mode, or low -speed on-chip oscillator mode (XIN clock stops). — (b7-b4) Reserved bits Set to 0. RW OCD3 Clock monitor bit(5, 6) 0 : XIN clock oscillates 1 : XIN clock stops RO OCD2 System clock select bit(4) 0 : Selects XIN clock(7) 1 : Selects on-chip oscillator clock(3) RW OCD1 RW OCD0 RW Oscillation stop detection enable bit(7) Oscillation stop detection interrupt enable bit 0 : Oscillation stop detection function disabled(2) 1 : Oscillation stop detection function enabled 0 : Disabled(2) 1 : Enabled 0000 b3 b2 b1 b0 b7 b6 b5 b4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |