Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 100Page - Renesas Technology Corp R26 Datasheet HTML 101Page - Renesas Technology Corp R26 Datasheet HTML 102Page - Renesas Technology Corp R26 Datasheet HTML 103Page - Renesas Technology Corp R26 Datasheet HTML 104Page - Renesas Technology Corp R26 Datasheet HTML 105Page - Renesas Technology Corp R26 Datasheet HTML 106Page - Renesas Technology Corp R26 Datasheet HTML 107Page - Renesas Technology Corp R26 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 487 page
background image
R8C/26 Group, R8C/27 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 85 of 453
REJ09B0278-0210
Figure 10.6
Registers FRA2, FRA4, FRA6, and FRA7
High-Speed On-Chip Oscillator Control Register 2
(1)
Symbol
Address
After Reset
FRA2
0025h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the FRA2 register.
b7 b6 b5 b4 b3 b2 b1 b0
000 00
RW
Selects the dividing ratio for the high-
speed on-chip oscillator clock.
b2 b1 b0
0 0 0: Divide-by-2 mode(2)
0 0 1: Divide-by-3 mode(2)
0 1 0: Divide-by-4 mode
0 1 1: Divide-by-5 mode
1 0 0: Divide-by-6 mode
1 0 1: Divide-by-7 mode
1 1 0: Divide-by-8 mode
1 1 1: Divide-by-9 mode
FRA20
Do not set in K version.
FRA22
RW
—
(b7-b3)
RW
Reserved bits
Set to 0.
High-speed on-chip oscillator
frequency sw itching bits
RW
FRA21
High-Speed On-Chip Oscillator Control Register 4 (For N, D Version Only)
Symbol
Address
After Reset
FRA4
0029h
When Shipping
RW
RO
Function
Stores data for frequency correction w hen VCC = 2.7 to 5.5 V. (The value is the same as that
of the FRA1 register after a reset.) Optimal frequency correction to match the voltage
conditions can be achieved by transferring this value to the FRA1 register.
b3 b2 b1 b0
b7 b6 b5 b4
High-Speed On-Chip Oscillator Control Register 6 (For N, D Version Only)
Symbol
Address
After Reset
FRA6
002Bh
When Shipping
RW
RO
Function
Stores data for frequency correction w hen VCC = 2.2 to 5.5 V. Optimal frequency correction
to match the voltage conditions can be achieved by transferring this value to the FRA1
register.
b3 b2 b1 b0
b7 b6 b5 b4
High-Speed On-Chip Oscillator Control Register 7 (For N, D Version Only)
Symbol
Address
After Reset
FRA7
002Ch
When Shipping
RW
RO
Function
36.864 MHz frequency correction data is stored.
The oscillation frequency of the high-speed on-chip oscillator can be adjusted to 36.864 MHz
by transferring this value to the FRA1 register.
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com