Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 97Page - Renesas Technology Corp R26 Datasheet HTML 98Page - Renesas Technology Corp R26 Datasheet HTML 99Page - Renesas Technology Corp R26 Datasheet HTML 100Page - Renesas Technology Corp R26 Datasheet HTML 101Page - Renesas Technology Corp R26 Datasheet HTML 102Page - Renesas Technology Corp R26 Datasheet HTML 103Page - Renesas Technology Corp R26 Datasheet HTML 104Page - Renesas Technology Corp R26 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 487 page
background image
R8C/26 Group, R8C/27 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 82 of 453
REJ09B0278-0210
Figure 10.3
CM1 Register
System Clock Control Register 1
(1)
Symbol
Address
After Reset
CM1
0007h
00100000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
When entering stop mode, the CM15 bit is set to 1 (drive capacity high).
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the CM1 register.
b7 b6 b5 b4 b3 b2 b1 b0
CM10
All clock stop control bit(4, 7, 8)
0 : Clock operates
1 : Stops all clocks (stop mode)
RW
CM11
XIN-XOUT on-chip feedback resistor
select bit
0 : On-chip feedback resistor enabled
1 : On-chip feedback resistor disabled
RW
CM12
XCIN-XCOUT on-chip feedback
resistor select bit(10)
0 : On-chip feedback resistor enabled
1 : On-chip feedback resistor disabled
RW
CM13
Port XIN-XOUT sw itch bit(7, 9)
0 : Input ports P4_6, P4_7
1 : XIN-XOUT pin
RW
CM14
Low -speed on-chip oscillation stop
bit(5, 6, 8)
0 : Low -speed on-chip oscillator on
1 : Low -speed on-chip oscillator off
RW
CM15
XIN-XOUT drive capacity select bit(2)
0 : Low
1 : High
RW
CM17
RW
b7 b6
0 0 : No division mode
0 1 : Divide-by-2 mode
1 0 : Divide-by-4 mode
1 1 : Divide-by-16 mode
System clock division select bits 1(3)
CM16
RW
For J, K version, the XCIN clock oscillation circuit cannot be used. Set to 0.
When the CM10 bit is set to 1 (stop mode) and the CM13 bit is set to 1 (XIN-XOUT pin), the XOUT (P4_7) pin goes “H”.
When the CM13 bit is set to 0 (input ports, P4_6, P4_7), P4_7 (XOUT) enters input mode.
In count source protect mode (refer to 13.2 Count Source Protection Mode Enabled), the value remains
unchanged even if bits CM10 and CM14 are set.
When the CM06 bit is set to 0 (bits CM16, CM17 enabled), bits CM16 to CM17 are enabled.
If the CM10 bit is set to 1 (stop mode), the on-chip feedback resistor is disabled.
When the OCD2 bit is set to 0 (XIN clock selected), the CM14 bit is set to 1 (low -speed on-chip oscillator stopped).
When the OCD2 bit is set to 1 (on-chip oscillator clock selected), the CM14 bit is set to 0 (low -speed on-chip
oscillator on). It remains unchanged even if 1 is w ritten to it.
When using the voltage monitor 1 interrupt or voltage monitor 2 interrupt (w hen using the digital filter), set the CM14
bit to 0 (low -speed on-chip oscillator on).
Once the CM13 bit is set to 1 by a program, it cannot be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com