Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 124Page - Renesas Technology Corp R26 Datasheet HTML 125Page - Renesas Technology Corp R26 Datasheet HTML 126Page - Renesas Technology Corp R26 Datasheet HTML 127Page - Renesas Technology Corp R26 Datasheet HTML 128Page - Renesas Technology Corp R26 Datasheet HTML 129Page - Renesas Technology Corp R26 Datasheet HTML 130Page - Renesas Technology Corp R26 Datasheet HTML 131Page - Renesas Technology Corp R26 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 487 page
background image
R8C/26 Group, R8C/27 Group
11. Protection
Rev.2.10
Sep 26, 2008
Page 109 of 453
REJ09B0278-0210
11. Protection
The protection function protects important registers from being easily overwritten when a program runs out of control.
Figure 11.1 shows the PRCR Register. The registers protected by the PRCR register are listed below.
• Registers protected by PRC0 bit: Registers CM0, CM1, OCD, FRA0, FRA1, and FRA2
• Registers protected by PRC1 bit: Registers PM0 and PM1
• Registers protected by PRC2 bit: PD0 register
• Registers protected by PRC3 bit: Registers VCA2, VW0C, VW1C, and VW2C
Figure 11.1
PRCR Register
Protect Register
Symbol
Address
After Reset
PRCR
000Ah
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. This bit is set to 0 after w riting 1 to the PRC2 bit and executing a w rite to any address. Since the other bits are not
set to 0, set them to 0 by a program.
PRC2
Protect bit 2
Writing to the PD0 register is enabled.
0 : Disables w riting
1 : Enables w riting(1)
RW
RW
—
(b5-b4)
Reserved bits
Set to 0.
RW
PRC0
RW
PRC1
RW
Protect bit 0
Writing to registers CM0, CM1, OCD, FRA0, FRA1,
and FRA2 is enabled.
0 : Disables w riting
1 : Enables w riting
Protect bit 1
Writing to registers PM0 and PM1 is enabled.
0 : Disables w riting
1 : Enables w riting
00
b3 b2 b1 b0
b7 b6 b5 b4
RO
PRC3
Protect bit 3
Writing to registers VCA2, VW0C, VW1C, and
VW2C is enabled.
0 : Disables w riting
1 : Enables w riting
—
(b7-b6)
Reserved bits
When read, the content is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com