Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 184Page - Renesas Technology Corp R26 Datasheet HTML 185Page - Renesas Technology Corp R26 Datasheet HTML 186Page - Renesas Technology Corp R26 Datasheet HTML 187Page - Renesas Technology Corp R26 Datasheet HTML 188Page - Renesas Technology Corp R26 Datasheet HTML 189Page - Renesas Technology Corp R26 Datasheet HTML 190Page - Renesas Technology Corp R26 Datasheet HTML 191Page - Renesas Technology Corp R26 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 169 of 453
REJ09B0278-0210
14.2.3
Programmable One-shot Generation Mode
In programmable one-shot generation mode, a one-shot pulse is output from the TRBO pin by a program or an
external trigger input (input to the INT0 pin) (refer to Table 14.9 Specifications of Programmable One-Shot
Generation Mode). When a trigger is generated, the timer starts operating from the point only once for a given
period equal to the set value in the TRBPR register. The TRBSC register is not used in this mode.
Figure 14.20 shows the TRBIOC Register in Programmable One-Shot Generation Mode. Figure 14.21 shows
an Operating Example of Programmable One-Shot Generation Mode.
NOTES:
1. The set value is reflected at the following one-shot pulse after writing to the TRBPR register.
2. Do not set both the TRBPRE and TRBPR registers to 00h.
Table 14.9
Specifications of Programmable One-Shot Generation Mode
Item
Specification
Count sources
f1, f2, f8, timer RA underflow
Count operations
• Decrement the setting value in the TRBPR register
• When the timer underflows, it reloads the contents of the reload register
before the count completes and the TOSSTF bit is set to 0 (one-shot stops).
• When the count stops, the timer reloads the contents of the reload register
before it stops.
One-shot pulse output
time
(n+1)(m+1)/fi
fi: Count source frequency,
n: Setting value in TRBPRE register, m: Setting value in TRBPR register(2)
Count start conditions
• The TSTART bit in the TRBCR register is set to 1 (count starts) and the next
trigger is generated
• Set the TOSST bit in the TRBOCR register to 1 (one-shot starts)
• Input trigger to the INT0 pin
Count stop conditions
• When reloading completes after timer RB underflows during primary period
• When the TOSSP bit in the TRBOCR register is set to 1 (one-shot stops)
• When the TSTART bit in the TRBCR register is set to 0 (stops counting)
• When the TSTOP bit in the TRBCR register is set to 1 (forcibly stops
counting)
Interrupt request
generation timing
In half a cycle of the count source, after the timer underflows (at the same time
as the TRBO output ends) [timer RB interrupt]
TRBO pin function
Pulse output
INT0 pin functions
• When the INOSTG bit in the TRBIOC register is set to 0 (INT0 one-shot
trigger disabled): programmable I/O port or INT0 interrupt input
• When the INOSTG bit in the TRBIOC register is set to 1 (INT0 one-shot
trigger enabled): external trigger (INT0 interrupt input)
Read from timer
The count value can be read out by reading registers TRBPR and TRBPRE.
Write to timer
• When registers TRBPRE and TRBPR are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TRBPRE and TRBPR are written during the count, values are
written to the reload register only (the data is transferred to the counter at the
following reload).(1)
Select functions
• Output level select function
The TOPL bit in the TRBIOC register selects the output level of the one-shot
pulse waveform.
• One-shot trigger select function
Refer to 14.2.3.1 One-Shot Trigger Selection.
• TRBO pin select function
P3_1 or P1_3 is selected by the TRBOSEL bit in the PINSR2 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com