Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 191Page - Renesas Technology Corp R26 Datasheet HTML 192Page - Renesas Technology Corp R26 Datasheet HTML 193Page - Renesas Technology Corp R26 Datasheet HTML 194Page - Renesas Technology Corp R26 Datasheet HTML 195Page - Renesas Technology Corp R26 Datasheet HTML 196Page - Renesas Technology Corp R26 Datasheet HTML 197Page - Renesas Technology Corp R26 Datasheet HTML 198Page - Renesas Technology Corp R26 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 176 of 453
REJ09B0278-0210
Figure 14.23
Operating Example of Programmable Wait One-Shot Generation Mode
TOSSTF bit in TRBOCR
register
INT0 pin input
1
0
1
0
IR bit in TRBIC
register
1
0
Count source
Timer RB prescaler
underflow signal
Counter of timer RB
TRBIO pin output
TOPL bit in
TRBIOC register
Set to 1 by program
Set to 1 by setting 1 to TOSST bit in TRBOCR
register, or INT0 pin input trigger.
Set to 0 when interrupt request is
acknowledged, or set by program.
The above applies under the following conditions.
TSTART bit in TRBCR
register
1
0
1
0
01h
00h
00h
01h
Count starts
Timer RB secondary reloads
Timer RB primary reloads
Set to 0 by program
Wait starts
Waveform output starts
Waveform output ends
Set to 0 when
counting ends
TRBPRE = 01h, TRBPR = 01h, TRBSC = 04h
INOSTG = 1 (INT0 one-shot trigger enabled)
INOSEG = 1 (edge trigger at rising edge)
04h
03h
02h
01h
Wait
(primary period)
One-shot pulse
(secondary period)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com