Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33812 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33812
PIN CONNECTIONS
18
MRX
Output
Low Side Driver Output
Output logic level ISO9141 data to the MCU from the ISO9141 IN/OUT pin
19
WDRFSH
Input
Watchdog Refresh
Logic Level input from MCU to refresh the watchdog circuit to prevent
RESET
20
TM_EN
Input
Test Mode Enable
Used by Freescale test engineering, tie to Gnd in operation
21
N.C.
Unused
-------
Unused pin, leave open
22
ROUT
Output
Relay Driver Output
Low side relay driver output driven by parallel input RIN
23
PGND2
Ground
Power Ground 2
Ground for RELAY driver output
24
LAMPOUT
Output
Warning Lamp Output
Low side driver output for MIL (warning lamp) driven by parallel input
LAMPIN
25
DGND
Ground
Supply Ground
Tied to ground plane, used for ground for all low power signals
26
PGND1
Ground
Power Ground 1
Ground for INJOUT injector driver output
27
INJOUT
Output
Injector Driver Output
Low side driver output for Injector driven by parallel input INJIN
28
N.C.
Unused
-------
Unused pin, leave open
29
WD_INH
Input
Watch Dog Inhibit
Normally tied to GND, If tied high through a pull-up, it inhibits RESET from
a watchdog time-out
30
TEST1
Input
Test 1
MUST be tied to GND.
31
TEST2
Input
Test 2
MUST be tied to GND.
32
TEST3
Input
Test 3
MUST leave OPEN.
EP
GND
Ground
Substrate Ground
Should be tied to DGND.
Table 1. 33812 Pin Definitions
Pin
Pin Name
Pin
Function
Formal Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com