Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33812
TYPICAL APPLICATIONS
ISO-9141 TRANSCEIVER OPERATION
TYPICAL APPLICATIONS
Low Voltage Operation
During a low voltage condition (4.5 V < VPWR < 9.0 V) the
device will operate as described in the functional description,
however, certain parameters listed in the tables may be out of
specification. Fault condition annunciation is not guaranteed
below the minimum parametric operating voltage.
Low Side Injector Driver Voltage Clamp
The Injector output of the 33812 incorporates an internal
voltage clamp to provide fast turn OFF and transient
protection. Each clamp independently limits the drain-to-
source voltage to VCLAMP_INJ. The total energy clamped (EJ)
can be calculated by multiplying the peak current (IPEAK)
times the clamp voltage (VCL) times the Time (τ) all divided by
2 (see Figure 5).
Characterization of the output clamp, using a repetitive
pulse method at 1.0 A, indicates the maximum energy to be
100 mJ at 125
°C junction temperature per output
.
Figure 5. Output Voltage Clamping
Reverse Battery and Transient Protection
The 33812 device requires external reverse battery
protection on the VPWR pin.
All outputs consist of a power MOSFET with an integral
substrate diode. During a reverse battery condition, current
will flow through the load via the substrate diode. Under this
condition load devices will turn on. If reverse battery
protection for the loads is required, a diode must be placed in
series with the load.
Good automotive engineering practices recommend the
use of transient voltage suppression on the VPWR line. A
TVS device and adequate capacitive decoupling are
necessary for a robust design.
Drain-to-Source Clamp
Voltage (VCL = 50 V)
Drain-to-Source ON
Voltage (VDS(ON))
Drain Voltage
Clamp Energy
EJ=(τ x IPEAK xVCL)/2
GND
Time
Drain Current
(IPEAK = 0.3 A)
τ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com