Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33812
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LOW SIDE DRIVER (INJOUT AND ROUT) (CONTINUED)
Drain-to-Source ON Resistance
IOUT =1.0 A, TJ = 125°C, VPWR =14 V
IOUT =1.0 A, TJ = 25°C, VPWR =14 V
IOUT =1.0 A, TJ = -40°C, VPWR =14 V
RDS (ON)-INJ/REL
RDS (ON)-INJ/REL
RDS (ON)-INJ/REL
–
–
–
–
0.25
0.2
0.4
–
–
Ω
Output Self Limiting Current
IOUT(LIM)-INJ/REL
3.0
–
6.0
A
Output Clamp Voltage - ID = 20 mA
VCLAMP_INJ/REL
48
53
58
V
Output Leakage Current (INJOUT)
VDRAIN = 24 V, (Note: Open Load Detection Current can’t be
disabled)
IOUT(LKG)-INJ
––
1.0
mA
Output Leakage Current (ROUT)
VDRAIN = 24 V, (Note: Open Load Detection Current can’t be
disabled)
IOUT(LKG)-REL
––
1.0
mA
Over-temperature Shutdown(11)
TLIM-INJ/REL
155
–
190
°C
Over-temperature Shutdown Hysteresis(11)
TLIM(HYS)-INJ/REL
5.0
10
15
°C
LOW SIDE DRIVER (LAMPOUT)
Drain-to-Source ON Resistance
IOUT = 300 mA, TJ = 150°C, VPWR = 14 V
RDS (ON)LAMP
––
1.0
Ω
Output Self Limiting Current
IOUT(LIM)-LAMP
1.0
–
2.5
A
Output Clamp Voltage - ID = 20 mA
VCLAMP-LAMP
48
53
58
V
Output Leakage Current(11)
VDRAIN = 24 V, (Note: No Open Load Detection Current)
IOUT(LKG)-LAMP
––
20
μA
Output Fault Detection Voltage Threshold(11)
Outputs programmed ON (Short to Battery)
VOUT(FLT-TH)-LAMP
2.0
2.5
3.0
V
Over-temperature Shutdown(11)
TLIM-LAMP
155
–
190
°C
Over-temperature Shutdown Hysteresis(11)
TLIM(HYS)-LAMP
5.0
10
15
°C
Notes
11.
This parameter is guaranteed by design, however is not production tested.
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions of 7.0 V
≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted. Where
applicable, typical values reflect the parameter’s approximate average value with VPWR = 14 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com