Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33812
FUNCTIONAL DEVICE OPERATION
ISO-9141 TRANSCEIVER OPERATION
ISO-9141 TRANSCEIVER OPERATION
Bus I/O Pin (ISO9141)
This I/O pin represents the single-wire bus transmitter and
receiver.
Transmitter Characteristics
The ISO-9141 bus transmitter is a low side MOSFET with
internal over-current thermal shutdown. An internal pull-up
resistor with a serial diode structure is integrated so no
external pull-up components are required for the application
in a slave node.
Voltage can go from -18 V to 40 V without current supplied
from any other source than the pull-up resistance. The
ISO9141 pin exhibits no reverse current from the ISO9141
bus line to VPWR, even in the event of GND shift or VPWR
disconnection.
The transmitter has one slew rate (normal slew rate)
Receiver Characteristics
The receiver thresholds are ratiometric with the VPWR
supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com