Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33812
FUNCTIONAL DEVICE OPERATION
IGNITION PRE-DRIVER OPERATION
INJOUT Fault Detection Features
Off State, Open Load Detection
An open load on the injector driver is detected by the
voltage level on the drain of the output device in the off state.
Internal to the device is a pull-down current source. In the
event of an open injector the drain voltage is pulled low.
When the voltage crosses the open load detection threshold,
an open load is detected. The open load fault detect
threshold is set internally and is not programmable. The open
load fault is reported as a high logic level on the INJFLT line.
On State, Shorted Load Detection
The INJOUT driver is capable of detecting a shorted
injector load (short to battery) in the on state. A shorted load
fault is reported when the drain pin voltage is greater than the
preset short threshold voltage. The shorted load fault detect
threshold is set internally and is not programmable. The
shorted load fault is reported as a high logic level on the
INJFLT line.
Clearing the INJFLT line
When the INJFLT line goes high for any of the following
reasons, while the INJIN line is high (on state):
• Short to battery
• Over-temperature
• Over-voltage
• Open load
The INJFLT line will remain high until the INJIN line goes
to a low logic level and the returns high (rising edge).
IGNITION PRE-DRIVER OPERATION
The Ignition pre-driver output is controlled by the logic
level input IGNIN. When IGNIN is high the IGNOUTH pin is
pulled high to IGNSUP. When the IGNIN pin is low, the
IGNOUTL line is pulled to ground turning off the driver
Darlington or IGBT.The IGNOUT pre-driver protects the
output device against over-current, short to battery, and
VPWR over-voltage.
IGNOUT OUTPUT PROTECTION FEATURES
Over-current and Short to battery (ILIM)
The Ignition Pre-driver protection scheme senses over-
current in the driver device by monitoring the voltage at the
IGNFB pin. Since this pin is protected by a 10:1 voltage
divider, the over-current threshold voltage is set internally to
1/10 of the voltage expected on the drain or collector of the
output device in an over-current situation. Since the Ignition
output device is external to the 33812, a short to battery is the
same as an over-current fault.
An over-current fault or short to battery is reported as a
high logic level on the IGNFLT line.
Temperature Limit (TLIM)
Since the Ignition output device is external to the 33812,
there is no over-temperature protection provided.
IGNOUT FAULT DETECTION FEATURES
Off State, Open Load Detection
An open load on the ignition driver external device is
detected by the voltage level on the drain or collector of the
output device in the off state (through a 10:1 voltage divider).
In the event of an open ignition coil the drain/collector voltage
is pulled low. When the voltage crosses the open load
detection threshold, an open load is detected. The open load
fault detect threshold is set internally and is not
programmable. An open load fault is reported as a high logic
level on the IGNFLT line.
Over-voltage (VPWR(OV))
The Ignition pre-driver is also protected against an over-
voltage condition:
When the VPWR supply exceeds the VPWR(OV) threshold,
the IGNOUTL and IGNOUTH outputs turn off and stays off
until the over-voltage condition clears and the next rising
edge of the IGNIN input pin.
Clearing the IGNFLT line
When the IGNFLT line goes high for any of the following
reasons, while the IGNIN line is high (on state):
• Short to battery
• Over-voltage
• Over-temperature of the IGNOUTL and IGNOUTH
transistors
• Open load
The IGNFLT line will remain high until the IGNIN line goes
to the low logic level and then returns high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com