Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33812
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit
VPWR Supply Voltage(1)
VPWR
-0.3 to 45
VDC
Logic Input Voltage (MTX, INJIN, IGNIN, WDRFSH, LAMPIN, RIN)
VIL
-0.3 to VCC
VDC
Injector and RELAY Low Side Driver Drain Voltage (VINJOUT)
VINJOUT
VRELOUT
-0.3 to VCLAMP_INJ
-0.3 to VCLAMP_REL
VDC
Lamp Low Side Driver Drain Voltage (LAMPOUT)
LAMPOUT
-0.3 to VCLAMP_LAMP
VDC
Output Clamp Energy (INJOUT and ROUT) (Single Pulse)
TJUNCTION = 150°C, IOUT = 1.5 A
ECLAMP_INJ_SP
ECLAMP_REL_SP
100
mJ
Output Clamp Energy (INJOUT and ROUT) (Continuous operation)
TJUNCTION = 125°C, IOUT = 1.0 A, (Max. frequency is 70 Hz, Maximum Duty Cycle 90%)
ECLAMP_INJ_CP
ECLAMP_REL_CP
100
mJ
Output Continuous Current (INJOUT and ROUT)
TJUNCTION = 150°C
IOCC_MAX
2.0
A
Output Clamp Energy (LAMPOUT) (Single Pulse) - TJUNCTION = 150°C, IOUT = 0.5 A ECLAMP_LAMP_SP
35
mJ
ESD Voltage(2)
Human Body Model
Machine Model
Charge Device Model (Corner pins)
Charge Device Model
VESD1
VESD2
VESD3
VESD4
±2000
±200
±750
±500
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
Case
TA
TJ
TC
-40 to 125
-40 to 150
-40 to 125
°C
Storage Temperature
TSTG
-55 to 150
°C
Power Dissipation (TA = 25°C)
(5)
PD
1.7
W
Peak Package Reflow Temperature During Solder Mounting(3), (4)
TSOLDER
Note 4
°C
Thermal Resistance
Junction-to-Ambient
Junction- to-Lead
Junction-to-Flag
RθJA
RθJL
RθJC
75
8.0
1.2
°C/W
Notes
1.
Exceeding these limits may cause malfunction or permanent damage to the device.
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0 pF).
3.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts (i.e. MC33xxxD enter 33xxx), and review parametrics.
5.
This parameter is guaranteed by design but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com