Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33812
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions of 7.0 V
≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted. Where
applicable, typical values reflect the parameter’s approximate average value with VPWR = 14 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VPWR)
Supply Voltage (measured at VPWR pin)(7)
Fully Operational
Full Parameter Specification
VPWR(FO)
VPWR(FP)
4.7
7.0
–
36
18
V
Supply Current - All Outputs Disabled (Normal Mode)
IVPWR(ON)
–
10.0
14.0
mA
VPWR Over-voltage Shutdown Threshold Voltage
(8)
VPWR(OV)
36.5
39
42
V
VPWR Over-voltage Shutdown Hysteresis Voltage
VPWR(OV-HYS)
0.5
1.5
3.0
V
VPWR Under-voltage Shutdown Threshold Voltage
(8)
VPWR(UV)
3.0
3.7
4.4
V
VPWR Under-voltage Shutdown Hysteresis Voltage
VPWR(UV-HYS)
100
200
300
mV
VOLTAGE REGULATOR OUTPUTS (VCCREF, VCCSENS)
VCCSENS (VCC) Output Voltage (measured with external output PNP
(FZT753 typical) transistor and 500
Ω Load on VCCSENS)
VSENS
4.9
5.0
5.1
V
VCCREF Output Current (9)
IVCCREF
–-5.0
–
mA
VCCREF Current Limit
IVCCCL
5.0
15
20
mA
Output Capacitance External (ceramic, low ESR recommended)
VOCE
2.2
–
–
μF
VCCSENS Input Current
IVCCSENS
–
50
1000
μA
Line Regulation (external output PNP transistor and 500
Ω Load on
VCCSENS)
REGLINE_VCC
–2
25
mV
Load Regulation (external output PNP transistor and 500
Ω Load on
VCCSENS)
REGLOAD_VCC
–2
25
mV
Dropout Voltage (Minimal Input/Output Voltage at full load)
VDROPOUT
–
46
200
mV
VCC Under-voltage RESET Threshold Voltage
RESETUV_VCC
4.5
4.7
4.9
V
LOW SIDE DRIVER (INJOUT AND ROUT)
Output Fault Detection Voltage Threshold(10)
Outputs programmed OFF (Open Load, Injector/Relay)
Outputs programmed ON (Short to Battery)
VOUT(FLT-TH)
2.0
2.5
3.0
V
Output OFF Open Load Detection Current (Injector/Relay)
VDRAIN = 18 V, Outputs Programmed OFF
I(OFF)OCO
40
75
150
μA
Notes
6.
Device is functional provided TJ is less than 150°C. Some table parameters may be out of specification.
7.
Over-voltage thresholds minimum and maximum include hysteresis.
8.
Under-voltage thresholds minimum and maximum include hysteresis, for disabling outputs only, RESET based on VCC under-voltage
9.
This parameter is guaranteed by design, however is not production tested.
10.
Output fault detect thresholds are the same for output open and shorts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com