Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33812
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
IGNITION (IGBT/DARLINGTON) DRIVER PARAMETERS (IGNOUTL, IGNOUTH, IGNFB, IGNSUP)
Drain-to-Source ON Resistance
(IGNOUTL Output, Gate/Base Drive Turn Off Resistance)
RDS_L(ON)
150
300
400
Ω
Drain-to-Source ON Resistance
(IGNSUP to IGNOUTH Output, Gate/Base Drive Turn On Resistance)
RDS_H(ON)
–70
90
Ω
Ignition Output High Source Current (IGNOUTH)
IGATEDRIVE_H
40
50
–
mA
Ignition Output High (IGNOUTH) Device Power Dissipation(12)
PD_IGNOUTH
–
–
300
mW
Output Fault Detection Voltage Threshold(12)
(At IGNFB pin, not at input of 10:1 Voltage Divider)
Output programmed OFF (Open Load)
Output programmed ON (Short to Battery)
VIGNFB_OUT(FLT-TH)
100
250
400
mV
Feedback Sense Current (FBx Input Current)
FBx = 2.0 V, Output Programmed OFF
IFBX(FLT-SNS)
––
1.0
μA
IGNSUP Voltage for:
IGBT(12)
Darlington(12)
VIGNSUP_IGBT
VIGNSUP_DARL
–
–
VPWR
5.0
VPWR_MAX
VCC_MAX
V
Over-temperature Shutdown on IGNOUTH and IGNOUTL(12)
TLIM-IGNOUTH,L
155
–
190
°C
Over-temperature Shutdown Hysteresis on IGNOUTH and IGNOUTL(13)
TLIM(HYS)-
IGNOUTH,L
5.0
10
15
°C
ISO9141 TRANSCEIVER PARAMETERS (ISO9141)
Input low voltage at ISO I/O pin
VIL_ISO
–
–
0.3xVPWR
V
Input high voltage at ISO I/O pin
VIH_ISO
0.7*VPWR
–
–
V
Input hysteresis at ISO I/O pin
VHYST_ISO
0.15xVPWR
–
–
Output low voltage at ISO I/O pin
VOL_ISO
–
–
0.2xVPWR
V
Output high voltage at ISO I/O pin
VOH_ISO
0.8xVPWR
–
–
V
Output current limit at ISO I/O pin (MTX = 0)
ILIM_ISO
50
100
150
mA
Load capacitance at ISO I/O pin(13)
CL_ISO
0.01
3.0
10
nF
DIGITAL OUTPUTS (MRX, IGNFLT, RELFLT, INJFLT)
Output Logic High-voltage Levelled IOH=1.0 mA load)
VOH
0.8 x VCC
–VCC + 0.2
V
Output Logic Low-voltage Level (at IOL=1.0 mA load)
VOL
GND
–
0.1 x VCC
V
DIGITAL OUTPUT (RESET)
Resistance of Internal pull-down resistor on open drain RESET pin
RRESET
100
–
500
k
Ω
Notes
12.
These parameters are guaranteed by design.
13.
This parameter is guaranteed by design, however it is not production tested.
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions of 7.0 V
≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted. Where
applicable, typical values reflect the parameter’s approximate average value with VPWR = 14 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com