Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33812
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INPUTS (MTX, INJIN, IGNIN, LAMPIN, WDRFSH, RIN, WD_INH)
Input Logic High-voltage Thresholds
VIH
0.7 x VCC
–VCC + 0.3
V
Input Logic Low-voltage Thresholds
VIL
GND - 0.3
–
0.2 x VCC
V
Input Logic Voltage Hysteresis
VIHYS
0.5
–
1.5
V
Input Logic Capacitance (14)
CIN
–
–
20
pF
Input Logic Pull-down Current (all except MTX) - 0.8 V to 5.0 V
ILOGIC_PD
30
50
100
μA
Input Logic Pull-up Current (MTX only) - 0.8 V to 5.0 V
ILOGIC_PU
-30
-50
-100
μA
Notes
14.
These parameters are guaranteed by design.
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions of 7.0 V
≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted. Where
applicable, typical values reflect the parameter’s approximate average value with VPWR = 14 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com