Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33812
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions of 7.0 V
≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted. Where applicable,
typical values reflect the parameter’s approximate average value with VPWR = 14 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Required Low State Duration on VPWR for Under-voltage Detect
VPWR ≤ VPWR_UV(15)
tUV
1.0
–
–
μs
WATCHDOG TIMER
Maximum time value Watchdog can be loaded with
WDMAX
–
–
10
s
Maximum WDRFSH pulse width to load full Watchdog time value
WDLOAD
–
–
1.0
ms
Minimum pulse width on WDRFSH to refresh Watchdog timer
WDRFSHMIN
1.0
–
–
μs
Reset Pulse Width when Watchdog times out
WDRESET
100
–
–
μs
ISO9141 TRANSCEIVER
Typical ISO9141 Data Rate(15)
ISOBR
–
10
–
kbps
Turn OFF Delay MTX Input to ISO Output
tTXDF
–
–
2.0
μs
Turn ON/OFF Delay ISO Input to MRX Output
tRXDF, tRXDR
–
–
1.0
μs
Rise and Fall Time MRX Output (measured from 10% to 90%)
tRXR, tRXF
–
–
1.0
μs
Maximum Rise and Fall Time MTX Input (measured from 10% to 90%)(15)
tTXR, tTXF
–
–
1.0
μs
LAMP DRIVER
Inrush Current Blanking Time (LAMPOUT only)
tOC(BLANK)
5.0
7.0
9.0
ms
LAMPOUT, automatic retry timer during short to battery fault condition
tRETRY_LAMP
7.0
10
13
ms
DIGITAL LOGIC OUTPUTS
INJFLT, IGNFLT Output Signal Rise Time (15)
tR(DLO)
–
100
200
ns
INJFLT, IGNFLT Output Signal Fall Time(15)
tF(DLO)
–
100
200
ns
INJECTOR AND RELAY DRIVER
Output ON Current Limit Fault Filter Timer
tSC
30
60
90
µs
Output OFF Open Circuit Fault Filter Timer (INJECTOR and RELAY
Driver)
t(OFF)OC
100–400
µs
Output Slew Rate - Rise - ZLOAD = 14 Ω , VLOAD = 14 V
tSR(RISE)
1.0
5.0
10
V/
μs
Output Slew Rate - Fall - ZLOAD = 14 Ω, VLOAD = 14 V
tSR(FALL)
1.0
5.0
10
V/
μs
IGNITION PRE-DRIVER
Output OFF Open Circuit Fault Filter Timer
t(OFF)OC
100–400
µs
Output ON Short-circuit to Battery Fault Detection Timer
t(ON)(SC)
30
60
90
µs
Notes
15.
This parameter is guaranteed by design, however is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com