Electronic Components Datasheet Search
  English  ▼

X  

33812 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33812 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33812
FUNCTIONAL DEVICE OPERATION
LAMP DRIVER OPERATION
LAMP DRIVER OPERATION
The Lamp Driver is a low side driver that is controlled by
the logic level LAMPIN input pin. When LAMPIN is high, the
LAMP pin is pulled to ground, turning on an external bulb or
LED. When LAMPIN is low, the bulb or LED pulls the LAMP
output to VBAT, and the lamp is turned off.
LAMPOUT Protection Features
Over-current (IOUT-LIM-LAMP)
The LAMPOUT Driver protection scheme uses three
separate protection schemes to prevent damage to the
output device.
The first protection scheme is deployed when an over-
current event occurs. In this case the current limiting circuitry
will attempt to limit the maximum current flow to the specified
IOUT LIM-LAMP value.
Short to Battery
The second protection scheme is invoked when the over-
current fault is due to a hard short to battery. In this case, the
protection circuitry will, after the short detection filter time,
turn off the output driver.
There will be an internal retry timer to try to turn on again
if the fault clears.
There is no annunciation of any LAMPOUT faults.
Temperature Limit (TLIM)
The third protection scheme deals with the junction
temperature of the output device. Any time the maximum
temperature limit on the output device is exceeded (TLIM), the
device will shutdown until the junction temperature falls below
this maximum temperature minus the hysteresis temperature
value. The TLIM hysteresis value is TLIM(HYST).
The maximum temperature (TLIM) protection scheme
controls the output device regardless of the state of the
LAMPIN input. The device is unable to be activated until the
junction temperature falls below this maximum temperature
minus the hysteresis temperature value.
LAMPOUT FAULT DETECTION FEATURES
Off State, Open Load Detection
Since there is no way to annunciate an open load fault for the
lamp output driver, no open load fault detection is performed
by the 33812.
On State, Shorted Load Detection
Even though there is no way to annunciate a shorted load
fault for the lamp output driver, shorted fault detection is
performed by the 33812 as part of the protection for the
output FET.
The LAMPOUT driver also has an over-current blanking
time of tOC(BLANK) to allow for incandescent lamp inrush
current
OVER/UNDER-VOLTAGE SHUTDOWN STRATEGY
How the outputs behave after an over-voltage or under-
voltage event on VPWR is listed in Table 3 below:
Table 3. Over-voltage/Under-voltage Truth Table
Output
State
Before OV
or UV
State When
Returning From
Over-voltage
State When
Returning From
Under-voltage
INJOUT
X
OFF
OFF
IGNOUT
X
OFF
OFF
ROUT
OFF
OFF
OFF
ROUT
ON
ON
OFF
LAMPOUT
OFF
OFF
OFF
LAMPOUT
ON
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com