Electronic Components Datasheet Search
  English  ▼

X  

UBA2071ATS Datasheet(PDF) 22 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button UBA2071ATS Datasheet HTML 18Page - NXP Semiconductors UBA2071ATS Datasheet HTML 19Page - NXP Semiconductors UBA2071ATS Datasheet HTML 20Page - NXP Semiconductors UBA2071ATS Datasheet HTML 21Page - NXP Semiconductors UBA2071ATS Datasheet HTML 22Page - NXP Semiconductors UBA2071ATS Datasheet HTML 23Page - NXP Semiconductors UBA2071ATS Datasheet HTML 24Page - NXP Semiconductors UBA2071ATS Datasheet HTML 25Page - NXP Semiconductors UBA2071ATS Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
22 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
duration longer than tspike(min). Each spike will trigger an internal one-shot, which signals to
the control circuits that arcing has been detected. When arcing is detected, PWM dimming
is disabled and the fault timer is started.
8.14.8 Ignition Failure (IF)
When the current control loop comes close to its regulation point, the lamps are assumed
to be on (ignited). This is when the average absolute voltage on the IFB pin is above
Vth(lod)(IFB). If the lamps are not on when the ignition sweep is finished, (switching
frequency has reached fsw(min)), then an ignition failure is detected, PWM dimming is
disabled and the fault timer is started.
8.14.9 The NONFAULT pin
The NONFAULT pin provides bidirectional signalling of the fault status between the IC and
any external circuit. When no fault is detected, the voltage on the pin is pulled high to
Voc(NONFAULT) by an internal current source.
An external circuit can signal to the IC that a fault has been detected by pulling a current
larger than Itrig(I)NONFAULT from the NONFAULT pin. The IC will detect the current drawn
from the pin and start the fault timer. To prevent interference with the PWM dimming, the
IC will only look at the NONFAULT pin during the period when the lamp current regulation
loop is closed (when
).
When the IC detects an internal fault, see Section 8.14.2 to Section 8.14.8), it signals this
via the NONFAULT pin by pulling the pin down (after the fault output delay time td(o)fault)).
At this point the IC can no longer detect the external fault. However, by then the fault timer
is already running.
Fig 17. Input and output levels at the NONFAULT pin
V
CSWP
V
CVFB
=
Isink(NONFAULT)
NONFAULT
pin current
NONFAULT
pin voltage
0
Vtrig(I)NONFAULT
Voc(NONFAULT)
in: low (active)
out: high (inactive)
in: unknown
out: low (active)
Itrig(I)NONFAULT
Isc(NONFAULT)
in: high (inactive)
out: high (inactive)
load line
014aaa113
1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com