Electronic Components Datasheet Search
  English  ▼

X  

UBA2071ATS Datasheet(PDF) 27 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button UBA2071ATS Datasheet HTML 23Page - NXP Semiconductors UBA2071ATS Datasheet HTML 24Page - NXP Semiconductors UBA2071ATS Datasheet HTML 25Page - NXP Semiconductors UBA2071ATS Datasheet HTML 26Page - NXP Semiconductors UBA2071ATS Datasheet HTML 27Page - NXP Semiconductors UBA2071ATS Datasheet HTML 28Page - NXP Semiconductors UBA2071ATS Datasheet HTML 29Page - NXP Semiconductors UBA2071ATS Datasheet HTML 30Page - NXP Semiconductors UBA2071ATS Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
27 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
[1]
Given frequency is switching frequency of GL and GH. Sawtooth frequency on CF pin is twice as high.
[2]
Can be set by external capacitor
[3]
PWMD is active low: A low level on the PWMD pin corresponds with lamps-on. Example:
δ
PWM = 20 % means PWMD is low during 20 %
of each cycle and the lamps are on 20 % of the time, resulting in a light output of 20 %.
Vth(osp)(IFB)
open/short protection threshold
voltage on pin IFB
200
250
300
mV
Vth(ocd)(IFB)
overcurrent detection threshold
voltage on pin IFB
2.65
3.0
3.3
V
Vth(hsw)(SH)
hard switching threshold
voltage on pin SH
-56
-
V
Idch(CVFB)
discharge current on pin CVFB hard switching detected;
VCVFB =2V
36
41
46
µA
Vth(det)arc(IFB)
arc detection threshold voltage
on pin IFB
-5
-V
tspike(min)
minimum spike time
to active arcing protection
-
200
-
ns
td(o)fault
fault output delay time
CCT = 100 nF
0.063
0.069
0.075
s
tto(fault)
fault time-out time
CCT = 100 nF
0.85
1.00
1.15
s
Voc(NONFAULT)
open-circuit voltage on pin
NONFAULT
4.7
5.0
5.3
V
Vtrig(I)NONFAULT
input trigger voltage on pin
NONFAULT
3.8
4.3
4.8
V
Itrig(I)NONFAULT
input trigger current on pin
NONFAULT
−32
−27
−22
µA
INONFAULT
current on pin NONFAULT
VNONFAULT = 3 V
−230 −195 −160 µA
Isc(NONFAULT)
short circuit current on pin
NONFAULT
VNONFAULT = 0 V
−260 −220 −180 µA
Isink(NONFAULT)
sink current on pin NONFAULT VNONFAULT = 1 V
0.7
1
1.3
mA
Enable (EN pin)
Vth(H)2(EN)
HIGH-level threshold voltage 2
on pin EN
2.65
2.76
2.87
V
Vth(H)1(EN)
HIGH-level threshold voltage 1
on pin EN
-
-
1.7
V
Vth(L)(EN)
LOW-level threshold voltage on
pin EN
0.9
-
V
Ibias(EN)
bias current on pin EN
5
µA
Table 6.
Characteristics …continued
Tamb =25 °C; VVDD =12V; RIREF = 33 kΩ; VEN = VVDD and CPWM connected to a capacitor, unless otherwise specified. All
voltages are measured with respect to signal ground (SGND, pin 10). SGND and PGND connected together. GL, GH,
COMM, NONFAULT and PWMD pins left open (unless otherwise specified). Currents are positive when flowing into the IC.
Parameters valid for all types (unless otherwise specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com