Electronic Components Datasheet Search
  English  ▼

X  

UBA2071ATS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button UBA2071ATS Datasheet HTML 10Page - NXP Semiconductors UBA2071ATS Datasheet HTML 11Page - NXP Semiconductors UBA2071ATS Datasheet HTML 12Page - NXP Semiconductors UBA2071ATS Datasheet HTML 13Page - NXP Semiconductors UBA2071ATS Datasheet HTML 14Page - NXP Semiconductors UBA2071ATS Datasheet HTML 15Page - NXP Semiconductors UBA2071ATS Datasheet HTML 16Page - NXP Semiconductors UBA2071ATS Datasheet HTML 17Page - NXP Semiconductors UBA2071ATS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
14 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
When the voltage on the VFB pin exceeds Vth(ov)(VFB), a fault condition is signalled (for
handling of fault conditions, see Section 8.14) and the bias current at the CVFB pin
changed to the discharge current Idch(CVFB). As a result, the switching frequency increases
and the output voltage of the transformer will decrease5. As soon as the voltage at the
VFB pin drops below Vth(ov)(VFB), the CVFB capacitor is charged again and the output
voltage of the transformer will increase again. Because the charging and discharging of
the CVFB capacitor follows the ripple on the VFB pin voltage, the feedback gain of the
voltage control loop is set by the ripple on the feedback signal.
The voltage at the CVFB pin is limited by the oscillator circuit to VCVFB(max) when the
minimum switching frequency fsw(min) is reached, see Figure 10. This ensures an
immediate frequency increase when overvoltage is detected.
8.10 Lamp current control
The lamp current control is always active when the IC is on, except if the lamps are off
during PWM dimming. The AC lamp current is sensed by an external resistor connected
to the IFB pin, see Figure 11. The resulting AC voltage on the IFB pin is internally
Double-Sided Rectified (DSR) and compared to a reference level Vref(creg) by an
Operational Transconductance Amplifier (OTA).
When the current is being regulated, switch S1 is closed (conducting). The output current
of the OTA is fed into capacitor C1, which is connected to the CIFB pin. So C1 is charged
and discharged according to the voltage on the IFB pin.
5.
Presuming that the load impedance is in inductive region.
Fig 10. Frequency function of CVFB voltage
Voltage on CVFB-pin
frequency
fsw(min)
fsw(max)
0
VCVFB(max)
014aaa105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com