Electronic Components Datasheet Search
  English  ▼

X  

UBA2071ATS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UBA2071ATS Datasheet HTML 5Page - NXP Semiconductors UBA2071ATS Datasheet HTML 6Page - NXP Semiconductors UBA2071ATS Datasheet HTML 7Page - NXP Semiconductors UBA2071ATS Datasheet HTML 8Page - NXP Semiconductors UBA2071ATS Datasheet HTML 9Page - NXP Semiconductors UBA2071ATS Datasheet HTML 10Page - NXP Semiconductors UBA2071ATS Datasheet HTML 11Page - NXP Semiconductors UBA2071ATS Datasheet HTML 12Page - NXP Semiconductors UBA2071ATS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
9 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
8.5 Non-overlap
During each transition between the two states GL high/GH low and GL low/GH high, GL
and GH will both be low for a fixed time tno (non-overlap time) to allow the half bridge point
to be charged or discharged by the load current (presuming the load always has an
inductive behavior), and thus enabling zero voltage switching, see Figure 5.
8.6 Low-side and high-side drivers
The low-side and high-side drivers are identical. The output of each driver is connected to
the equivalent gate of an external power MOSFET. The high-side driver is supplied by the
bootstrap capacitor, which is charged from the VDD voltage via an internal diode when the
low-side power MOSFETs is on. The low-side driver is directly supplied by the VDD
voltage.
8.7 DC blocking capacitor charging
When the IC is off, either because VVDD is too low, it is disabled via the EN pin, or it
stopped after the time-out period during a fault condition, the low-side power switch
(QLS in Figure 3) is turned on by making GL high. This ensures that the supply buffer
capacitor of the floating supply (CFS in Figure 3) is fully charged at start-up. As a side
effect the DC blocking capacitor (Cblock in Figure 3) will be completely discharged at
start-up. To prevent large inrush currents during the first switching cycles the UBA2071
and UBA2071A can first charge the DC blocking capacitor at start-up.
Fig 5.
Oscillator, driver and half bridge voltages
t
VCF
VCFH
0
t
VGH − VSH
VDD
0
t
VGL
VDD
0
t
VHB
VHV
0
tno
014aaa102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com