Electronic Components Datasheet Search
  English  ▼

X  

UBA2071ATS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 1 Page - NXP Semiconductors

  UBA2071ATS Datasheet HTML 1Page - NXP Semiconductors UBA2071ATS Datasheet HTML 2Page - NXP Semiconductors UBA2071ATS Datasheet HTML 3Page - NXP Semiconductors UBA2071ATS Datasheet HTML 4Page - NXP Semiconductors UBA2071ATS Datasheet HTML 5Page - NXP Semiconductors UBA2071ATS Datasheet HTML 6Page - NXP Semiconductors UBA2071ATS Datasheet HTML 7Page - NXP Semiconductors UBA2071ATS Datasheet HTML 8Page - NXP Semiconductors UBA2071ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1.
General description
The UBA2071 and UBA2071A are high voltage ICs intended to drive Cold Cathode
Fluorescent Lamps (CCFLs) or External Electrode Fluorescent Lamps (EEFLs) for
backlighting applications. They can drive a half bridge circuit made up of two NMOSFETs
with a supply voltage of up to 550 V, so the inverter can be supplied directly from a 400 V
PFC bus.
The UBA2071 and UBA2071A contain a controller, a level shifter, a bootstrap diode and
drivers for the external half bridge power switches. It also contains a low frequency PWM
generator, which can be used to control the brightness level of the lamps, using an analog
brightness/dimming control voltage. PWM dimming can also be realized, using a digital
PWM input signal. PWM dimming can be synchronized with other ICs. The lamp current is
controlled by means of a true zero voltage switching resonant control principle, ensuring
lowest possible switch losses in the half bridge power structure.
The UBA2071 is designed to be supplied by a
∆V/∆t supply from the half bridge circuit that
it drives. The IC itself needs little current and if the IC is off, a clamp protects the supply
voltage from getting too high.
The UBA2071A is designed to be supplied by a fixed 12 V supply. It has a lower supply
start voltage and no supply clamp.
2.
Features
I Suitable for operating in a very wide inverter supply voltage range (up to 550 V DC).
I Integrated level shifter.
I Integrated bootstrap diode.
I Lamp current control by means of a true zero voltage switching resonant control
principle.
I Sample & Hold circuit, maintaining current control value during PWM lamp-off
situation.
I Separately definable time constants for current control loop and PWM dimming
attack/decay setting.
I Overvoltage control.
I Overcurrent protection.
I Ignition failure detection.
I Hard switching control.
I Arcing detection.
I Open/short pin protections on feedback pins.
I Integrated, programmable fault timer.
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
Rev. 01 — 23 June 2008
Product data sheet


Similar Part No. - UBA2071ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2070 PHILIPS-UBA2070 Datasheet
110Kb / 20P
600 V CCFL ballast driver IC
2002 Oct 24
UBA2070P PHILIPS-UBA2070P Datasheet
110Kb / 20P
600 V CCFL ballast driver IC
2002 Oct 24
UBA2070T PHILIPS-UBA2070T Datasheet
110Kb / 20P
600 V CCFL ballast driver IC
2002 Oct 24
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
UBA2072T PHILIPS-UBA2072T Datasheet
1Mb / 28P
Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
More results

Similar Description - UBA2071ATS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8729 MAXIM-MAX8729 Datasheet
395Kb / 26P
Constant-Frequency, Half-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
Ballast control and half-bridge driver in one IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
Half-bridge driver IC
Rev. 1.1-6 December 2011
logo
International Rectifier
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
Fairchild Semiconductor
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
logo
NXP Semiconductors
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
logo
International Rectifier
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
RESONANT HALF-BRIDGE CONVERTER CONTROL IC
logo
NXP Semiconductors
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
Half-bridge driver IC
Rev. 1-3 September 2013
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
logo
NXP Semiconductors
UBA2074 NXP-UBA2074 Datasheet
1Mb / 33P
High Voltage Full-bridge control IC for CCFL backlighting
Rev. 02.0-February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com