| Electronic Components Datasheet Search |
|
UBA2071ATS Datasheet(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
UBA2071ATS Datasheet(HTML) 15 Page - NXP Semiconductors |
|
15 / 35 page ![]() UBA2071_A_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 23 June 2008 15 of 35 NXP Semiconductors UBA2071; UBA2071A Half bridge control IC for CCFL backlighting Under normal operating conditions, the voltage across capacitor C2, which is connected to the CVFB pin, will follow the voltage on the CIFB pin. During the lamps-on period of the PWM dimming, the voltage across C3, which is connected to the CSWP pin, will follow the voltage on the CVFB pin and therefore also the voltage on the CIFB pin. The voltage on the CSWP pin is connected to the VCO input of the HF oscillator and thus controls the switching frequency. If the load is assumed to be inductive an increase in the frequency will cause a decrease in the lamp current, while a decrease in the frequency will cause an increase in the lamp current. The advantage of having a separate current regulation loop timing capacitor pin CIFB next to the voltage regulation loop timing capacitor CVFB is that time constants for both loops can be set independently. The separate PWM dimming sweep timing capacitor pin CSWP makes it possible to set the PWM dimming sweep speed independent of the current and voltage regulation loops. 8.11 PWM dimming Pulse Width Modulation (PWM) dimming is a method of reducing the average lamp light output by switching the lamps on and off with a repetition rate or PWM frequency, fPWM, high enough not to be seen by the human eye (but much lower than the inverter frequency fsw). By varying the lamp-on to lamp-off, period ratio, called the duty cycle δPWM, the light output can be varied over a wide range. The voltage at the CSWP pin determines the actual switching frequency, it inverses in proportion to the switching frequency. During the lamps-on period of the PWM dimming it follows the voltage at the CVFB pin (the current Ich(CSWP) is drained by the tracking circuit between the CVFB pin and the CSWP pin). Just prior to transitioning towards the lamps-off period of the PWM dimming the lamp current control loop, see Figure 11, is opened by opening switches S1. The voltage on the CSWP pin is swept down, decaying the lamp current, leading in the PWM lamp-off situation, after which the half bridge switch actions are stopped, resulting in true zero lamp current. see Figure 9. In the meantime the regulation level is preserved in C1 and C2. The Fig 11. Lamp frequency control circuit R1 C1 to CCFLs DSR Vref(creg) C2 C3 Ich(CSWP) PWMD 01 Idch(CSWP) S2 S1 to VCO Ich(CVFB) CIFB CVFB CSWP UBA2071 OTA 014aaa106 IFB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |