Electronic Components Datasheet Search
  English  ▼

X  

UBA2071ATS Datasheet(PDF) 24 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button UBA2071ATS Datasheet HTML 20Page - NXP Semiconductors UBA2071ATS Datasheet HTML 21Page - NXP Semiconductors UBA2071ATS Datasheet HTML 22Page - NXP Semiconductors UBA2071ATS Datasheet HTML 23Page - NXP Semiconductors UBA2071ATS Datasheet HTML 24Page - NXP Semiconductors UBA2071ATS Datasheet HTML 25Page - NXP Semiconductors UBA2071ATS Datasheet HTML 26Page - NXP Semiconductors UBA2071ATS Datasheet HTML 27Page - NXP Semiconductors UBA2071ATS Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
24 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
10. Thermal characteristics
11. Characteristics
VNONFAULT
voltage on pin NONFAULT
−0.1
+5
V
VVFB
voltage on pin VFB
continuous
−0.1
+5
V
t < 1 ms
−0.1
+9
V
VIFB
voltage on pin IFB
continuous
−5+5
V
t < 1 ms
−9+9
V
ESD
VESD
electrostatic discharge voltage
human body model:
pins IFB, CIFB, VFB, CVFB,
CSWP, IREF, CT, CF, CPWM,
NONFAULT, COMM, PWMA,
PWMD, EN, VDD, and GL
−2+2
kV
pins GH, FS, and SH
−1+1
kV
machine model:
all pins
−250
+250
V
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured with respect to signal
ground (SGND pin 10).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air; SO24 package
80
K/W
in free air; SSOP24 package
111
K/W
Table 6.
Characteristics
Tamb =25 °C; VVDD =12V; RIREF = 33 kΩ; VEN = VVDD and CPWM connected to a capacitor, unless otherwise specified. All
voltages are measured with respect to signal ground (SGND, pin 10). SGND and PGND connected together. GL, GH,
COMM, NONFAULT and PWMD pins left open (unless otherwise specified). Currents are positive when flowing into the IC.
Parameters valid for all types (unless otherwise specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High voltage
Ileak
leakage current
VFS, VGH, and VSH = 630 V;
VVDD =0V
--2
µA
Start-up
Vstartup(VDD)
VDD start-up voltage
UBA2071T and UBA2071TS
11.7
12.1
12.5
V
UBA2071AT and UBA2071ATS
10.5
10.9
11.3
V
Vstop(VDD)
stop voltage on pin VDD
9.8
10.1
10.4
V
Vhys(VDD)
hysteresis voltage on pin VDD
UBA2071T and UBA2071TS
1.8
2
2.2
V
UBA2071AT and UBA2071ATS
0.6
0.8
1.0
V
Istartup(VDD)
start-up current on pin VDD
VVDD = 11 V; EN pin grounded
0.13
0.16
0.19
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com