Electronic Components Datasheet Search
  English  ▼

X  

UBA2071ATS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 5 Page - NXP Semiconductors

  UBA2071ATS Datasheet HTML 1Page - NXP Semiconductors UBA2071ATS Datasheet HTML 2Page - NXP Semiconductors UBA2071ATS Datasheet HTML 3Page - NXP Semiconductors UBA2071ATS Datasheet HTML 4Page - NXP Semiconductors UBA2071ATS Datasheet HTML 5Page - NXP Semiconductors UBA2071ATS Datasheet HTML 6Page - NXP Semiconductors UBA2071ATS Datasheet HTML 7Page - NXP Semiconductors UBA2071ATS Datasheet HTML 8Page - NXP Semiconductors UBA2071ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
5 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin assignment SO24 and SSOP24 package (top view)
UBA2071
IFB
GH
CIFB
FS
VFB
SH
CVFB
n.c.
CSWP
n.c.
CT
n.c.
CF
GL
IREF
PGND
CPWM
VDD
SGND
EN
COMM
PWMA
NONFAULT
PWMD
014aaa099
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
Table 3.
Pin description
Symbol
Pin
Description
Function
IFB
1
current feedback input.
Input signal for the lamp current control loop. Should be connected to a
voltage proportional to the lamp current.
CIFB
2
current regulation
capacitor.
A capacitor must be connected between this pin and the signal ground. It
sets the time constant of the lamp current control loop.
VFB
3
voltage feedback input
Input signal for the voltage control loop. Should be connected to a voltage
proportional to the transformer output voltage.
CVFB
4
voltage regulation
capacitor
A capacitor must be connected between this pin and the signal ground. It
sets the time constant of the voltage control loop.
CSWP
5
frequency sweep
capacitor
A capacitor must be connected between this pin and the signal ground. It
sets the time in which the HF frequency is swept up from regulation level to
the maximum frequency and back during PWM dimming.
CT
6
fault timing capacitor
A capacitor must be connected between this pin and the signal ground. It
sets the time that a fault condition is allowed before the IC shuts down itself.
CF
7
HF-oscillator timing
capacitor
A capacitor must be connected between this pin and the signal ground. It
sets the minimum switching frequency of the half bridge.
IREF
8
reference current output
A 33 k
Ω resistor must be connected between this pin and the signal ground.
The IC uses it to make accurate internal currents.
CPWM
9
PWM timing capacitor
If a capacitor is connected between this pin and the signal ground, it sets the
frequency of the PWM oscillator.
If this pin is connected to signal ground the internal PWM oscillator is
disabled.
SGND
10
signal ground
COMM
11
master / slave
communication
Via this pin the IC can communicate with a dedicated slave device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com