Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 5 Page - Analog Devices

  ADL5502 Datasheet HTML 1Page - Analog Devices ADL5502 Datasheet HTML 2Page - Analog Devices ADL5502 Datasheet HTML 3Page - Analog Devices ADL5502 Datasheet HTML 4Page - Analog Devices ADL5502 Datasheet HTML 5Page - Analog Devices ADL5502 Datasheet HTML 6Page - Analog Devices ADL5502 Datasheet HTML 7Page - Analog Devices ADL5502 Datasheet HTML 8Page - Analog Devices ADL5502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADL5502
Rev. A | Page 5 of 28
Parameter
Test Conditions
Min
Typ
Max
Unit
VRMS OUTPUT
Pin VRMS
Maximum Output Voltage
VS = 3.0 V, RLOAD ≥ 10 kΩ
2.4
V
Output Offset
No signal at RFIN
15
100
mV
Pulse Response Time
10 dB step, 10% to 90% of settling level, no filter
capacitor
15
μs
Available Output Current
3
mA
PEAK OUTPUT
Pin PEAK
Maximum Output Voltage
VS = 3.0 V, RLOAD ≥ 10 kΩ
1.5
V
Output Offset
No signal at RFIN
14
100
mV
Available Output Current
3
mA
Envelope Modulation Bandwidth
5
10
MHz
Peak Hold Time
1% voltage drop from last peak, CNTL = high
600
μs
CONTROL INTERFACE
Logic Level to Track Envelope, High
2.5 V ≤ VS ≤ 3.3 V, −40°C < TA < +85°C
1.8
VPOS
V
Input Current when High
2.5 V at CNTL, –40°C ≤ TA ≤ +85°C
0.05
0.1
μA
Logic Level for Peak Hold Condition, Low
2.5 V ≤ VS ≤ 3.3 V, −40°C < TA < +85°C
−0.5
+0.5
V
Enable Time
0 dBm at RFIN, CNTL held high for >1 μs
<0.1
μs
ENABLE INTERFACE
Pin ENBL
Logic Level to Enable Power, High Condition
2.5 V ≤ VS ≤ 3.3 V, −40°C < TA < +85°C
1.8
VPOS
V
Input Current when High
2.5 V at ENBL, –40°C ≤ TA ≤ +85°C
0.05
0.1
μA
Logic Level to Disable Power, Low Condition
2.5 V ≤ VS ≤ 3.3 V, −40°C < TA < +85°C
−0.5
+0.5
V
Power-Up Response Time4
CFLTR = open, 0 dBm at RFIN
12
μs
CFLTR = 10 nF, 0 dBm at RFIN
10
μs
POWER SUPPLIES
Operating Range
−40°C < TA < +85°C
2.5
3.3
V
Quiescent Current
No signal at RFIN,5 ENBL high input condition
3.0
mA
Disable Current6
ENBL input low condition, CNTL in high condition
<1
1
μA
1 Error referred to delta from 25°C response, see Figure 10, Figure 11, and Figure 12 for VRMS and Figure 16, Figure 17, and Figure 18 for PEAK.
2 Error referred to best-fit line at 25°C, see Figure 13, Figure 14, and Figure 15 for VRMS and Figure 19, Figure 20, and Figure 21 for PEAK.
3 Calculated using linear regression.
4 The response time is measured from 10% to 90% of settling level, see Figure 41, Figure 42, and Figure 43.
5 Supply current is input level dependant, see Figure 37.
6 Guaranteed but not tested; limits are specified at six sigma levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com