Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5502 Datasheet HTML 4Page - Analog Devices ADL5502 Datasheet HTML 5Page - Analog Devices ADL5502 Datasheet HTML 6Page - Analog Devices ADL5502 Datasheet HTML 7Page - Analog Devices ADL5502 Datasheet HTML 8Page - Analog Devices ADL5502 Datasheet HTML 9Page - Analog Devices ADL5502 Datasheet HTML 10Page - Analog Devices ADL5502 Datasheet HTML 11Page - Analog Devices ADL5502 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADL5502
Rev. A | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = 3.0 V, CFLTR = 10 nF, COUT = open, light condition ≤ 600 lux, 75 Ω input termination resistor, colors: black = +25°C, blue =
−40°C, red = +85°C, unless otherwise noted.
0.01
0.1
1
–25
–20
–15
–10
–5
0
5
10
15
450
900
1900
2350
2600
3500
4000
5000
6000
INPUT (dBm)
Figure 4. VRMS Output vs. Input Level, 450 MHz, 900 MHz, 1900 MHz,
2350 MHz, 2600 MHz, 3500 MHz, 4000 MHz, 5000 MHz, 6000 MHz, Supply 3.0 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INPUT (V rms)
450
900
1900
2350
2600
3500
4000
5000
6000
Figure 5. VRMS Output vs. Input Level (Linear Scale), 450 MHz, 900 MHz, 1900 MHz,
2350 MHz, 2600 MHz, 3500 MHz, 4000 MHz, 5000 MHz, 6000 MHz, Supply 3.0 V
–3
–2
–1
0
1
2
3
INPUT (dBm)
450
900
1900
2350
2600
3500
4000
5000
6000
–25
–20
–15
–10
–5
0
5
10
15
Figure 6. VRMS Linearity Error vs. Input Level, 450 MHz, 900 MHz, 1900 MHz,
2350 MHz, 2600 MHz, 3500 MHz, 4000 MHz, 5000 MHz, 6000 MHz, Supply 3.0 V
0.01
0.1
1
–25
–20
–15
–10
–5
0
5
10
15
450
900
1900
2350
2600
3500
4000
5000
6000
INPUT (dBm)
Figure 7. PEAK Output vs. Input Level, 450 MHz, 900 MHz, 1900 MHz,
2350 MHz, 2600 MHz, 3500 MHz, 4000 MHz, 5000 MHz, 6000 MHz, Supply 3.0 V
–3
–2
–1
0
1
2
3
INPUT (dBm)
450
900
1900
2350
2600
3500
4000
5000
6000
–25
–20
–15
–10
–5
0
5
10
15
Figure 8. PEAK Linearity Error vs. Input Level, 450 MHz, 900 MHz, 1900 MHz,
2350 MHz, 2600 MHz, 3500 MHz, 4000 MHz, 5000 MHz, 6000 MHz, Supply 3.0 V
0.01
0.1
1
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
2.5V
VRMS
PEAK
2.7V
3.0V
3.3V
Figure 9. VRMS and PEAK Outputs vs. Input Level, 2.5 V, 2.7 V, 3.0 V, 3.3 V, and
3.5 V Supplies, 900 MHz Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com