Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5502 Datasheet HTML 15Page - Analog Devices ADL5502 Datasheet HTML 16Page - Analog Devices ADL5502 Datasheet HTML 17Page - Analog Devices ADL5502 Datasheet HTML 18Page - Analog Devices ADL5502 Datasheet HTML 19Page - Analog Devices ADL5502 Datasheet HTML 20Page - Analog Devices ADL5502 Datasheet HTML 21Page - Analog Devices ADL5502 Datasheet HTML 22Page - Analog Devices ADL5502 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADL5502
Rev. A | Page 19 of 28
0
20
40
60
80
100
120
140
160
180
200
100
200
300
400
500
600
700
800
900
1000
0
1
10
100
1000
CFLTR
COUT
CAPACITANCE (nF)
Figure 52. Response Time vs. CFLTR and COUT
POWER CONSUMPTION, ENABLE, AND POWER-
ON/POWER-OFF RESPONSE TIME
The quiescent current consumption of the ADL5502 varies
linearly with the size of the input signal from approximately
3 mA for no signal up to 11 mA at an input level of 0.7 V rms
(10 dBm, re: 50 Ω). There is little variation in quiescent current
across power supply voltage or temperature, as shown in Figure 37.
The ADL5502 can be disabled either by pulling the ENBL (Pin 8)
to COMM (Pin 4) or by removing the supply power to the device.
Disabling the device via the ENBL function reduces the leakage
current to less than 1 μA. When the device is disabled, the output
impedance increases to approximately 5.5 kΩ on VRMS and
1.9 kΩ on PEAK.
The turn-on time and pulse response is strongly influenced by
the size of the square-domain filter and output shunt capacitor.
Figure 53 shows a plot of the output response to an RF pulse on
the RFIN pin, with a 0.1 μF output filter capacitor and no square-
domain filter capacitor. The falling edge is particularly dependent
on the output shunt capacitance, as shown in Figure 53.
1ms/DIV
70mV rms
160mV rms
250mV rms
400mV rms RF INPUT
VRMS
PULSED RFIN
Figure 53. Output Response to Various RF Input Pulse Levels, Supply 3 V,
900 MHz Frequency, Square-Domain Filter Open, Output Filter 0.1 μF
To improve the falling edge of the enable and pulse responses, a
resistor can be placed in parallel with the output shunt capacitor.
The added resistance helps to discharge the output filter capacitor.
Although this method reduces the power-off time, the added
load resistor also attenuates the output (see the Output Drive
Capability and Buffering section).
1ms/DIV
70mV rms
160mV rms
250mV rms
400mV rms RF INPUT
VRMS
PULSED RFIN
Figure 54. Output Response to Various RF Input Pulse Levels,
Supply 3 V, 900 MHz Frequency, Square-Domain Filter Open,
Output Filter 0.1 μF with Parallel 1 kΩ
The square-domain filter improves the rms accuracy for high
crest factors (see the Selecting the Square-Domain Filter and
Output Low-Pass Filter section), but it can hinder the response
time. For optimum response time and low ac residual, both the
square-domain filter and the output filter should be used. The
square-domain filter at FLTR can be reduced to improve response
time, and the remaining ac residual can be decreased by using
the output filter, which has a smaller time constant.
DEVICE CALIBRATION AND ERROR CALCULATION
Because slope and intercept vary from device to device, board-
level calibration must be performed to achieve high accuracy.
In general, calibration is performed by applying two input power
levels to the ADL5502 and measuring the corresponding output
voltages. The calibration points are generally chosen to be within
the linear operating range of the device. The best-fit line is
characterized by calculating the conversion gain (or slope) and
intercept using the following equations:
Gain
= (VVRMS2 − VVRMS1)/(VIN2 − VIN1)
(3)
Intercept
= VVRMS1 − (Gain × VIN1)
(4)
where:
VIN
is the rms input voltage to RFIN.
VVRMS
is the voltage output at VRMS.
Once gain and intercept are calculated, an equation can be
written that allows calculation of an (unknown) input power
based on the measured output voltage.
VIN
= (VVRMS − Intercept)/Gain
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com