Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5502 Datasheet HTML 14Page - Analog Devices ADL5502 Datasheet HTML 15Page - Analog Devices ADL5502 Datasheet HTML 16Page - Analog Devices ADL5502 Datasheet HTML 17Page - Analog Devices ADL5502 Datasheet HTML 18Page - Analog Devices ADL5502 Datasheet HTML 19Page - Analog Devices ADL5502 Datasheet HTML 20Page - Analog Devices ADL5502 Datasheet HTML 21Page - Analog Devices ADL5502 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADL5502
Rev. A | Page 18 of 28
Although some devices follow the ideal linear response at very
low input powers, not all devices continue the ideal linear
regression to a near 0 V y-intercept. Some devices exhibit
output responses that rapidly decrease and some flatten out.
With no RF signal applied, the ADL5502 has a typical output
offset of 15 mV (with a maximum of 100 mV) on VRMS and an
offset of 14 mV (with a maximum of 100 mV) on PEAK.
OUTPUT DRIVE CAPABILITY AND BUFFERING
The ADL5502 is capable of sourcing a VRMS output current of
approximately 3 mA. The output current is sourced through the
on-chip, 100 Ω series resistor; therefore, any load resistor forms
a voltage divider with this on-chip resistance. It is
recommended that the ADL5502 VRMS output drive high
resistive loads to preserve output swing. If an application requires
driving a low resistance load (as well as, in cases where increasing
the nominal conversion gain is desired), a buffering circuit is
necessary.
The PEAK output is designed to drive 2 pF loads. It is
recommended that the ADL5502 PEAK output drive low
capacitive loads to achieve a full output response time. The
effects of larger capacitive loads are particularly visible when
tracking envelopes during the falling transitions. When the
envelope is in a fall transition, the load capacitor discharges
through the on-chip load resistance of 1.9 kΩ. If the larger
capacitive load is unavoidable, the additional capacitance
can be counteracted by putting a shunt resistor to ground on
the PEAK output to allow for fast discharge. Such a shunt
resistor also makes the ADL5502 run higher current, and it
should not be reduced beyond 500 Ω.
When viewing the PEAK output on an oscilloscope, a low
capacitive FET probe should be used to interface with the
PEAK output. This reduces the capacitance presented to the
PEAK output and avoids the corresponding effects of larger
capacitive loads.
SELECTING THE SQUARE-DOMAIN FILTER AND
OUTPUT LOW-PASS FILTER
The internal filter capacitor of the ADL5502 provides averaging
in the square domain but leaves some residual ac on the output.
Signals with high peak-to-average ratios, such as W-CDMA or
CDMA2000, can produce ac residual levels on the ADL5502
VRMS dc output. To reduce the effects of these low frequency
components in the waveforms, some additional filtering is
required.
The square-domain filter capacitance of the ADL5502 can be
augmented by connecting a capacitor between Pin 1 (FLTR) and
Pin 2 (VPOS). In addition, the VRMS output of the ADL5502 can
be filtered directly by placing a capacitor between VRMS (Pin 7)
and ground. The PEAK output can be filtered by placing a
capacitor between Pin 6 (PEAK) and ground. The combination
of the on-chip, 100 Ω output series resistance and the external
shunt capacitor forms a low-pass filter to reduce the residual ac.
Figure 50 and Figure 51 show the effects on the residual ripple
vs. the output and square-domain filter capacitor values at two
communication standards with high peak-to-average ratios.
Note that there is a tradeoff between ac residual and response
time. Large filter capacitances increase the turn-on and pulse
response times (see Figure 36, Figure 38, Figure 39, Figure 41,
Figure 42, and Figure 43). Figure 52 shows the effect of the two
filtering options, the output filter and the square-domain filter
capacitor, on the pulse response time of the ADL5502. For more
information on the effects of the filter capacitances on the
response, see the Power Consumption, Enable, and Power-
On/Power-Off Response Time section.
0
10
20
30
40
50
60
1
10
100
1000
CAPACITANCE (nF)
CFLTR
COUT
Figure 50. AC Residual vs. CFLTR and COUT,
W-CDMA Forward Link (4.6 dB CF) Waveform
0
50
100
150
200
250
300
350
400
1
10
100
1000
CFLTR
COUT
CAPACITANCE (nF)
Figure 51. AC Residual vs. CFLTR and COUT,
W-CDMA Reverse Link (11.7 dB CF) Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com