Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 1 Page - Analog Devices

  ADL5502 Datasheet HTML 1Page - Analog Devices ADL5502 Datasheet HTML 2Page - Analog Devices ADL5502 Datasheet HTML 3Page - Analog Devices ADL5502 Datasheet HTML 4Page - Analog Devices ADL5502 Datasheet HTML 5Page - Analog Devices ADL5502 Datasheet HTML 6Page - Analog Devices ADL5502 Datasheet HTML 7Page - Analog Devices ADL5502 Datasheet HTML 8Page - Analog Devices ADL5502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
450 MHz to 6000 MHz
Crest Factor Detector
ADL5502
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2011 Analog Devices, Inc. All rights reserved.
FEATURES
True rms response detector
Envelope peak hold output
Excellent temperature stability
±0.25 dB rms detection accuracy vs. temperature
±0.25 dB envelope detection accuracy vs. temperature;
over the top 25 dB of the input range
Over 35 dB input power dynamic range, inclusive of crest factor
RF bandwidths from 450 MHz to 6 GHz
Envelope bandwidths of 10 MHz
500 Ω input impedance
Single-supply operation: 2.5 V to 3.3 V
Low power: 3 mA at 3 V supply
RoHS-compliant part
APPLICATIONS
Power and envelope measurement of W-CDMA, CDMA2000,
and QPSK-/QAM-based OFDM, and other complex
modulation waveforms
RF transmitter or receiver power and envelope measurement
FUNCTIONAL BLOCK DIAGRAM
COMM
RFIN
ENBL
RMS CORE
BUFFERS
100Ω
1kΩ
4nF
PEAK/
ENVELOPE
100Ω
VRMS
PEAK
CNTL
VPOS
FLTR
ADL5502
INTERNAL
FILTERING
Figure 1.
1µs/DIV
PEAK
VRMS
CNTL
PEAK HOLD
ENV TRACK
RF INPUT
Figure 2.
GENERAL DESCRIPTION
The ADL5502 is a mean-responding (true rms) power detector
in combination with an envelope detector to accurately determine
the crest factor of a modulated signal. It can be used in high
frequency receiver and transmitter signal chains from 450 MHz
to 6 GHz with envelope bandwidths over 10 MHz. Requiring
only a single supply between 2.5 V and 3.3 V, the detector draws
less than 3 mA. The input is internally ac-coupled and has a
nominal input impedance of 500 Ω.
The rms output is a linear-responding dc voltage with a conversion
gain of 1.8 V/V rms at 900 MHz. The peak envelope output with a
conversion gain of 1.2 V/V is toggled for peak hold with less
than 1% output voltage droop in over 1 ms.
The ADL5502 is a highly accurate, easy to use means of
determining the rms and peak to the average value of complex
waveforms. It can be used for crest factor measurements of both
simple and complex waveforms but is particularly useful for
measuring high crest factor (high peak-to-rms ratio) signals,
such as W-CDMA, CDMA2000, and QPSK-/QAM-based
OFDM waveforms. The peak hold function allows the capture
of short peaks in the envelope with lower sampling rate ADCs.
The crest factor detector operates from −40°C to +85°C and is
available in an 8-ball, 1.5 mm × 1.5 mm wafer-level chip scale
package. It is fabricated on a high fT silicon BiCMOS process.


Similar Part No. - ADL5502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
ADL5502 AD-ADL5502 Datasheet
170Kb / 7P
Crest Factor, Peak, and RMS RF Power Measurement Circuit Optimized for High Speed, Low Power, and Single 3.3 V Supply
REV. 0
ADL5502-EVALZ AD-ADL5502-EVALZ Datasheet
448Kb / 14P
800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
ADL5502ACBZ-P2 AD-ADL5502ACBZ-P2 Datasheet
448Kb / 14P
800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
ADL5502ACBZ-P7 AD-ADL5502ACBZ-P7 Datasheet
448Kb / 14P
800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
More results

Similar Description - ADL5502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
logo
National Semiconductor ...
AN-1434 NSC-AN-1434 Datasheet
526Kb / 6P
Crest Factor Invariant RF Power Detector
logo
Analog Devices
ADL5504 AD-ADL5504 Datasheet
1Mb / 24P
450 MHz to 6000 MHz TruPwr Detector
REV. 0
ADL5505 AD-ADL5505 Datasheet
1Mb / 20P
450 MHz to 6000Mhz TruPwr Detector
REV. 0
logo
Micronetics, Inc.
NMA2414-A1T MICRONETICS-NMA2414-A1T Datasheet
209Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2S MICRONETICS-NMA2414-A2S Datasheet
201Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2T MICRONETICS-NMA2414-A2T Datasheet
318Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B1T MICRONETICS-NMA2414-B1T Datasheet
166Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B2T MICRONETICS-NMA2414-B2T Datasheet
357Kb / 2P
Legacy 100 MHz to 6000 MHz
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com