Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5502 Datasheet HTML 19Page - Analog Devices ADL5502 Datasheet HTML 20Page - Analog Devices ADL5502 Datasheet HTML 21Page - Analog Devices ADL5502 Datasheet HTML 22Page - Analog Devices ADL5502 Datasheet HTML 23Page - Analog Devices ADL5502 Datasheet HTML 24Page - Analog Devices ADL5502 Datasheet HTML 25Page - Analog Devices ADL5502 Datasheet HTML 26Page - Analog Devices ADL5502 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADL5502
Rev. A | Page 23 of 28
The device is placed in peak-hold mode by placing the switch
SW2 in the position closes to the SW2 label. Envelope-tracking
mode is possible by setting SW2 in the opposite switch position
(away from the SW2 label). A signal generator can drive the control
mode via the SMA labeled CNTL (see Table 4 for more details).
EVALUATION BOARD
Figure 65 shows the schematic of the ADL5502 evaluation board.
The board is powered by a single supply in the 2.5 V to 3.3 V
range. The power supply is decoupled by 100 pF and 0.1 μF
capacitors.
Operating in Peak-Hold Mode
Table 4 details the various configuration options of the evaluation
board. Figure 66 and Figure 67 show the component and circuit
layouts of the evaluation board.
To operate the device in peak-hold mode, the control line must be
temporally set to high (reset mode for >1 μs) and then set back to
low (peak-hold mode). This allows the ADL5502 initialize to a
known state.
The RF input has a broadband match of 50 Ω using a single
75 Ω resistor at R10. More precise matching at spot frequencies
is possible using the pads for C15, C16, and R10 (see the RF
Input Interfacing section).
Land Pattern and Soldering Information
Pad diameters of 0.28 mm are recommended with a solder paste
mask opening of 0.38 mm. For the RF input trace, a trace width
of 0.30 mm is used, which corresponds to a 50 Ω characteristic
impedance for the dielectric material being used (FR4). All traces
going to the pads are tapered down to 0.15 mm. For the RFIN
line, the length of the tapered section is 0.20 mm.
The two outputs, accessible via the SMAs labeled VRMS and
VENV, provide the rms response and the envelope/peak-hold
measurement of the RF input power level. The device must be
enabled by switching SW1 to high (setting the switch to the
position opposite that of the SW1 label).
ADL5502
FLTR
VPOS
RFIN
VRMS
PEAK
CNTL
C14
100pF
C13
0.1µF
ENBL
COMM
C12
100pF
C11
0.1µF
8
4
1
2
3
7
6
5
ENBL
VPOS
SW1
VPOS
(P1 – 1)
(P1 – 4)
VRMS
R3
0Ω
(P1 – 8)
VPOS
RFIN
R10
75Ω
R1
0Ω
R2
0Ω
C15
C16
VPOS
C18
(OPEN)
R11
(OPEN)
R6
0Ω
C19
(OPEN)
R12
(OPEN)
VENV
CNTL
R4
0Ω
(P1 – 6)
R5
0Ω
R13
0Ω
R7
10kΩ
SW2
R8
10kΩ
C20
(OPEN)
(P1 – 6)
R9
0Ω
C17
10nF
Figure 65. Evaluation Board Schematic
Figure 66. Layout of Evaluation Board, Component Side
Figure 67. Layout of Evaluation Board, Circuit Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com