Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5502 Datasheet HTML 20Page - Analog Devices ADL5502 Datasheet HTML 21Page - Analog Devices ADL5502 Datasheet HTML 22Page - Analog Devices ADL5502 Datasheet HTML 23Page - Analog Devices ADL5502 Datasheet HTML 24Page - Analog Devices ADL5502 Datasheet HTML 25Page - Analog Devices ADL5502 Datasheet HTML 26Page - Analog Devices ADL5502 Datasheet HTML 27Page - Analog Devices ADL5502 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADL5502
Rev. A | Page 25 of 28
OUTLINE DIMENSIONS
SEATING
PLANE
0.50
BALL PITCH
1.500
1.460 SQ
1.420
0.270
0.240
0.210
0.355
0.330
0.304
0.345
0.295
0.245
0.625
0.570
0.514
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
A
1
2
3
B
C
0.05 NOM
COPLANARITY
BALL A1
IDENTIFIER
Figure 68. 8-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-8-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
Ordering Quantity
ADL5502ACBZ-P7
–40°C to +85°C
8-Ball WLCSP, 7” Pocket Tape and Reel
CB-8-3
Q1C
3,000
ADL5502ACBZ-P2
–40°C to +85°C
8-Ball WLCSP, 7” Pocket Tape and Reel
CB-8-3
Q1C
250
ADL5502-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com