Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5502 Datasheet HTML 5Page - Analog Devices ADL5502 Datasheet HTML 6Page - Analog Devices ADL5502 Datasheet HTML 7Page - Analog Devices ADL5502 Datasheet HTML 8Page - Analog Devices ADL5502 Datasheet HTML 9Page - Analog Devices ADL5502 Datasheet HTML 10Page - Analog Devices ADL5502 Datasheet HTML 11Page - Analog Devices ADL5502 Datasheet HTML 12Page - Analog Devices ADL5502 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADL5502
Rev. A | Page 9 of 28
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 10. VRMS Output Temperature Drift from +25°C Linear Reference
for 50 Devices at −40°C, +25°C, and +85°C, 900 MHz Frequency
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 11. VRMS Output Temperature Drift from +25°C Linear Reference
for 50 Devices at −40°C, +25°C, and +85°C, 1900 MHz Frequency
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 12. VRMS Output Temperature Drift from +25°C Linear Reference
for 50 Devices at −40°C, +25°C, and +85°C, Frequency 3500 MHz
INPUT (dBm)
–3
–2
–1
0
1
2
3
–25
–20
–15
–10
–5
0
5
10
15
Figure 13. VRMS Output Delta from +25°C Output Voltage for
50 Devices at −40°C and +85°C, 900 MHz Frequency
INPUT (dBm)
–3
–2
–1
0
1
2
3
–25
–20
–15
–10
–5
0
5
10
15
Figure 14. VRMS Output Delta from +25°C Output Voltage for
50 Devices at −40°C and +85°C, 1900 MHz Frequency
INPUT (dBm)
–3
–2
–1
0
1
2
3
–25
–20
–15
–10
–5
0
5
10
15
Figure 15. VRMS Output Delta from +25°C Output Voltage for
50 Devices at −40°C and +85°C, 3500 MHz Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com