Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 2 Page - Analog Devices

  ADL5502 Datasheet HTML 1Page - Analog Devices ADL5502 Datasheet HTML 2Page - Analog Devices ADL5502 Datasheet HTML 3Page - Analog Devices ADL5502 Datasheet HTML 4Page - Analog Devices ADL5502 Datasheet HTML 5Page - Analog Devices ADL5502 Datasheet HTML 6Page - Analog Devices ADL5502 Datasheet HTML 7Page - Analog Devices ADL5502 Datasheet HTML 8Page - Analog Devices ADL5502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADL5502
Rev. A | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Circuit Description......................................................................... 15
 
RMS Circuit Description and Filtering ................................... 15
 
Filtering........................................................................................ 15
 
Envelope Peak-Hold Circuit ..................................................... 15
 
Output Buffers ............................................................................ 15
 
Measuring the Crest Factor....................................................... 15
 
Applications Information .............................................................. 16
 
Basic Connections ...................................................................... 16
 
RF Input Interfacing................................................................... 16
 
Linearity....................................................................................... 17
 
Output Drive Capability and Buffering................................... 18
 
Selecting the Square-Domain Filter and Output Low-Pass
Filter ............................................................................................. 18
 
Power Consumption, Enable, and Power-On/Power-Off
Response Time............................................................................ 19
 
Device Calibration and Error Calculation.............................. 19
 
Calibration for Improved Accuracy......................................... 20
 
Calculation of Crest Factor (CF).............................................. 20
 
Drift over a Reduced Temperature Range .............................. 21
 
Operation at High Frequencies ................................................ 22
 
Device Handling......................................................................... 22
 
Evaluation Board ........................................................................ 23
 
Outline Dimensions ....................................................................... 25
 
Ordering Guide .......................................................................... 25
 
REVISION HISTORY
1/11—Rev. 0 to Rev. A
Changes to Output Intercept Parameters, Table 1........................ 3
Changes to Figure 34...................................................................... 13
10/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com