Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5502 Datasheet HTML 18Page - Analog Devices ADL5502 Datasheet HTML 19Page - Analog Devices ADL5502 Datasheet HTML 20Page - Analog Devices ADL5502 Datasheet HTML 21Page - Analog Devices ADL5502 Datasheet HTML 22Page - Analog Devices ADL5502 Datasheet HTML 23Page - Analog Devices ADL5502 Datasheet HTML 24Page - Analog Devices ADL5502 Datasheet HTML 25Page - Analog Devices ADL5502 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADL5502
Rev. A | Page 22 of 28
OPERATION AT HIGH FREQUENCIES
The ADL5502 works at high frequencies but exhibits slightly
higher linearity error. Figure 61 and Figure 62 show the linearity
error distributions for VRMS and PEAK of 50 devices at 6000 MHz
over temperature. The typical slopes at 6000 MHz are 0.87 V/V rms
and 0.58 V/V rms for VRMS and PEAK, respectively. The intercepts
at 6000 MHz are 0.002 V and 0.005 V for each respective output.
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 61. VRMS Output Temperature Drift from +25°C Linear Reference
for 50 Devices at −40°C, +25°C, and +85°C, 6000 MHz, Supply 3.0 V
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 62. PEAK Output Temperature Drift from +25°C Linear Reference
for 50 Devices at −40°C, +25°C, and +85°C, 6000 MHz, Supply 3.0 V
Due to the repeatability of the performance from part to part,
compensation can be applied to reduce the effects of temperature
drift and linearity error. To detect larger dynamic ranges at
higher frequencies, the transfer function at ambient temperature
can be calibrated, thus eliminating the linearity error. This
technique is discussed in detail in the Calibration for Improved
Accuracy section. Figure 63 and Figure 64 show the temperature
drift distributions for both outputs of 50 devices at 6000 MHz.
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 63. VRMS Output Delta from +25°C Output Voltage for
50 Devices at −40°C and +85°C, Frequency 6000 MHz, Supply 3.0 V
–3
–2
–1
0
1
2
3
INPUT (dBm)
–25
–20
–15
–10
–5
0
5
10
15
Figure 64. PEAK Output Delta from +25°C Output Voltage for
50 Devices at −40°C and +85°C, Frequency 6000 MHz, Supply 3.0 V
DEVICE HANDLING
The wafer-level chip scale package consists of solder bumps
connected to the active side of the die. The part is lead-free with
95.5% tin, 4.0% silver, and 0.5% copper solder bump composition.
The WLCSP can be mounted on printed circuit boards using
standard surface-mount assembly techniques; however, caution
should be taken to avoid damaging the die. See the AN-617
Application Note, MicroCSP Wafer Level Chip Scale Package, for
additional information. WLCSP devices are bumped die; therefore,
the exposed die can be sensitive to light, which can influence
specified limits. Lighting in excess of 600 lux can degrade
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com