Electronic Components Datasheet Search
  English  ▼

X  

ADP5042 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 4 Page - Analog Devices

  ADP5042 Datasheet HTML 1Page - Analog Devices ADP5042 Datasheet HTML 2Page - Analog Devices ADP5042 Datasheet HTML 3Page - Analog Devices ADP5042 Datasheet HTML 4Page - Analog Devices ADP5042 Datasheet HTML 5Page - Analog Devices ADP5042 Datasheet HTML 6Page - Analog Devices ADP5042 Datasheet HTML 7Page - Analog Devices ADP5042 Datasheet HTML 8Page - Analog Devices ADP5042 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP5042
Rev. 0 | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Watchdog 2 Timeout Period (t
WD2)
Option A
6
7.5
9
sec
Option B
Watchdog 2 disabled
Option C
3.2
4
4.8
min
Option D
6.4
8
9.6
min
Option E
11.2
16
19.2
min
Option F
25.6
32
38.4
min
Option G
51.2
64
76.8
min
Option H
102.4
128
153.8
min
Watchdog 2 Power Off Period (t
POFF)
Option A
210
ms
Option B
400
ms
WDI1 Pulse Width
80
ns
V
IL = 0.4 V, VIH = 1.2 V
WDI2 Pulse Width
8
µs
V
IL = 0.4 V, VIH = 1.2 V
Watchdog Status Timeout Period (t
WDCLEAR)
11.2
sec
WDI1 Input Current (Source)
8
15
20
µA
V
WDI1 = VCC, time average
WDI1 Input Current (Sink)
−30
−25
−14
µA
V
WDI1 = 0, time average
WDI2 Internal Pull-Down
45
kΩ
MANUAL RESET INPUT
MR
1
Input Pulse Width
µs
MR Glitch Rejection
220
ns
MR
25
Pull-Up Resistance
52
80
kΩ
MR to Reset Delay
280
ns
V
CC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com