Electronic Components Datasheet Search
  English  ▼

X  

ADP5042 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5042 Datasheet HTML 18Page - Analog Devices ADP5042 Datasheet HTML 19Page - Analog Devices ADP5042 Datasheet HTML 20Page - Analog Devices ADP5042 Datasheet HTML 21Page - Analog Devices ADP5042 Datasheet HTML 22Page - Analog Devices ADP5042 Datasheet HTML 23Page - Analog Devices ADP5042 Datasheet HTML 24Page - Analog Devices ADP5042 Datasheet HTML 25Page - Analog Devices ADP5042 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADP5042
Rev. 0 | Page 22 of 32
Watchdog Status Indicator
In addition to the dual watchdog function, the ADP5042
features a watchdog status monitor available on the WSTAT pin.
This pin can be queried by the external processor to determine
the origin of a reset. WSTAT is an open-drain output.
WSTAT outputs a logic level depending on the condition that
has generated a reset. WSTAT is forced low if the reset was
generated because of a Watchdog 2 timeout. WSTAT is pulled
high, through external pull-up, for any other reset cause (Watchdog
1 timeout, power failure or monitored voltage below threshold).
The status monitor is automatically cleared (set to logic level
high) 10 seconds after the nRSTO low to high transition (tWDCLEAR),
processor firmware must be designed being able to read the
WSTAT flag before tWDCLEAR expiration after a Watchdog 2 reset.
The WSTAT flag is not updated in the event of a reset due to a
low voltage threshold detection or Watchdog 1 event occurring
within 10 seconds after nRSTO low to high transition. In this
situation, WSTAT maintains the previous state (see state flow in
Figure 60).
The external processor can further distinguish a reset caused by
a Watchdog 1 timeout from a power failure, status monitor
WSTAT indicating a high level, by implementing a RAM check
or signature verification after reset. A RAM check or signature
failure indicates that a power failure has occurred, whereas a
RAM check or signature validation indicates that a Watchdog 1
timeout has occurred.
Table 10 shows the possible watchdog decoded statuses.
Table 10. Watchdog Status Decoding
WSTAT
RAM CHECKSUM
RESET ORIGIN
High
Failed
Power failure
High
Ok
Watchdog 1
Low
Don't care
Watchdog 2
NO POWER APPLIED TO AVIN.
ALL REGULATORS AND SUPERVISORY
TURNED OFF
NO POWER
POR
STANDBY
WSTAT = HIGH
WSTAT = HIGH
RESET
NORMAL
WSTAT = LOW
AVIN < VUVLO
ALL ENx = LOW
AVIN > VUVLO
TRANSITION
STATE
TRANSITION
STATE
TRANSITION
STATE
END OF POR
WSTAT
TIMEOUT
(tWDCLEAR)
WSTAT = 1
TRANSITION
STATE
ALL REGULATORS AND
SUPERVISOR ACTIVATED
WDOG2
TIMEOUT
(tWD2)
WSTAT = 0
END OF (tPOFF)
PULSE
WDOG1 TIMEOUT
(tWD1) AND
WSTAT TIMEOUT
WSTAT = 1
WDOG1 TIMEOUT
(tWD1)
ALL ENx = HIGH
ACTIVE
POWER OFF
RESET SHORT
AVIN < VUVLO
END OF RESET
PULSE (tRP2)
INTERNAL CIRCUIT BIASED
REGULATORS AND
SUPERVISORY NOT ACTIVATED
AVIN < VUVLO
AVIN < VUVLO
VMON < VTH
END OF RESET
PULSE (tRP1)
Figure 60. ADP5042 State Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com