Electronic Components Datasheet Search
  English  ▼

X  

ADP5042 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 1 Page - Analog Devices

  ADP5042 Datasheet HTML 1Page - Analog Devices ADP5042 Datasheet HTML 2Page - Analog Devices ADP5042 Datasheet HTML 3Page - Analog Devices ADP5042 Datasheet HTML 4Page - Analog Devices ADP5042 Datasheet HTML 5Page - Analog Devices ADP5042 Datasheet HTML 6Page - Analog Devices ADP5042 Datasheet HTML 7Page - Analog Devices ADP5042 Datasheet HTML 8Page - Analog Devices ADP5042 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Micro PMU with 0.8 A Buck, Two 300 mA LDOs
Supervisory, Watchdog and Manual Reset
ADP5042
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage range: 2.3 V to 5.5 V
One 0.8 A buck regulator
Two 300 mA LDOs
20-lead, 4 mm × 4 mm LFCSP package
Initial regulator accuracy: ±1%
Overcurrent and thermal protection
Soft start
Undervoltage lockout
Open drain processor reset with threshold monitoring
±1.5% threshold accuracy over the full temperate range
Guaranteed reset output valid to VCC = 1 V
Dual watchdog for secure systems
Watchdog 1 controls reset
Watchdog 2 controls reset and regulators power cycle
Buck key specifications
Current mode topology for excellent transient response
3 MHz operating frequency
Uses tiny multilayer inductors and capacitors
Mode pin selects forced PWM or auto PFM/PSM modes
100% duty cycle low dropout mode
LDOs key specifications
Low VIN from 1.7 V to 5.5 V
Stable with1 μF ceramic output capacitors
High PSRR, 60 dB PSRR up to 1 kHz/10 kHz
Low output noise
110 μV rms typical output noise at VOUT = 2.8 V
Low dropout voltage: 150 mV at 300 mA load
−40°C to +125°C junction temperature range
HIGH LEVEL BLOCK DIAGRAM
FPWM
PSM/PWM
MODE
SW
VOUT1
PGND
C6
10µF
VOUT1 AT
800mA
L1
1µH
EN_BK
BUCK
EN_LDO1
LDO1
(DIGITAL)
EN_LDO2
LDO2
(ANALOG)
VIN1
EN3
AVIN
AVIN
EN1
VIN2
VIN3
EN2
AGND
C2
1µF
VOUT2
VOUT3
WSTAT
WDI1
WDI2
nRSTO
VOUT2 AT
300mA
C4
1µF
VOUT3 AT
300mA
C5
4.7µF
ON
OFF
ON
OFF
ON
OFF
VIN1 = 2.3V
TO 5.5V
AVIN
RFILT = 30Ω
VIN2 = 1.7V
TO 5.5V
MR
C1
1µF
VIN3 = 1.7V
TO 5.5V
C3
1µF
Figure 1.
GENERAL DESCRIPTION
The ADP5042 combines one high performance buck regulator
and two low dropout regulators (LDO) in a small 20-lead
LFCSP to meet demanding performance and board space
requirements.
The high switching frequency of the buck regulator enables
use of tiny multilayer external components and minimizes the
board space.
The MODE pin selects the buck mode of operation. When set
to logic high, the buck regulators operate in forced PWM mode.
When the MODE pin is set to logic low, the buck regulators
operate in PWM mode when the load is around the nominal
value. When the load current falls below a predefined threshold
the regulator operates in power save mode (PSM) improving
the light-load efficiency.
The low quiescent current, low dropout voltage, and wide input
voltage range of the ADP5042 LDOs extend the battery life of
portable devices. The two LDOs maintain power supply
rejection greater than 60 dB for frequencies as high as 10 kHz
while operating with a low headroom voltage.
Each regulator is activated by a high level on the respective
enable pin. The ADP5042 is available with factory programmable
default output voltages and can be set to a wide range of options.
The ADP5042 contains supervisory circuits that monitor
power supply voltage levels and code execution integrity in
microprocessor-based systems. They also provide power-on
reset signals. An on-chip dual watchdog timer can reset the
microprocessor or power cycle the system (Watchdog 2) if it
fails to strobe within a preset timeout period.


Similar Part No. - ADP5042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5040 AD-ADP5040 Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
ADP5040 AD-ADP5040 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
ADP5040ACPZ-1-R7 AD-ADP5040ACPZ-1-R7 Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
ADP5040CP-1-EVALZ AD-ADP5040CP-1-EVALZ Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
More results

Similar Description - ADP5042

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
logo
Analog Devices
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
ADP5043 AD-ADP5043 Datasheet
1Mb / 30P
Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
9/2019-Rev. B to Rev. C
ADP5034 AD-ADP5034_V01 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com