Electronic Components Datasheet Search
  English  ▼

X  

ADP5042 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5042 Datasheet HTML 6Page - Analog Devices ADP5042 Datasheet HTML 7Page - Analog Devices ADP5042 Datasheet HTML 8Page - Analog Devices ADP5042 Datasheet HTML 9Page - Analog Devices ADP5042 Datasheet HTML 10Page - Analog Devices ADP5042 Datasheet HTML 11Page - Analog Devices ADP5042 Datasheet HTML 12Page - Analog Devices ADP5042 Datasheet HTML 13Page - Analog Devices ADP5042 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP5042
Rev. 0 | Page 10 of 32
1.784
1.785
1.786
1.787
1.788
1.789
1.790
1.791
1.792
1.793
1.794
1.795
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–40°C
+25°C
+85°C
OUTPUT CURRENT (A)
Figure 9. Buck Load Regulation Across Temperature, VOUT1 = 1.8 V, PWM Mode
1.790
1.791
1.792
1.793
1.794
1.795
1.796
1.797
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
OUTPUT CURRENT (A)
VIN = 5.5V
VIN = 4.5V
VIN = 3.6V
Figure 10. Buck Load Regulation Across Input Voltage, VOUT1 = 1.8 V, PWM Mode
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
3.6V
4.5V
5.5V
Figure 11. Buck Efficiency vs. Load Current, Across Input Voltage, VOUT1 = 3.3 V,
Auto Mode
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
3.6V
4.5V
5.5V
Figure 12. Buck Efficiency vs. Load Current, Across Input Voltage, VOUT1 = 3.3 V,
PWM Mode
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
2.4V
3.6V
4.5V
5.5V
Figure 13. Buck Efficiency vs. Load Current, Across Input Voltage, VOUT1 = 1.8 V,
Auto Mode
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
IOUT (A)
2.4V
3.6V
4.5V
5.5V
Figure 14. Buck Efficiency vs. Load Current, Across Input Voltage, VOUT2 = 1.8 V,
PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com